Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946 Datasheet(PDF) 65 Page - Wolfson Microelectronics plc

Part # WM8946
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946 Datasheet(HTML) 65 Page - Wolfson Microelectronics plc

Back Button WM8946 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 69Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 175 page
background image
Production Data
WM8946
w
PD, July 2012, Rev 4.3
65
LDO_VSEL [4:0]
LDO OUTPUT
LDO_VSEL [4:0]
LDO OUTPUT
00h
Vref x 1.42
10h
Vref x 2.85
01h
Vref x 1.50
11h
Vref x 3.00
02h
Vref x 1.58
12h
Vref x 3.16
03h
Vref x 1.66
13h
Vref x 3.32
04h
Vref x 1.74
14h
Vref x 3.49
05h
Vref x 1.82
15h
Vref x 3.63
06h
Vref x 1.90
16h
Vref x 3.79
07h
Vref x 1.97
17h
Vref x 3.95
08h
Vref x 2.06
18h
Vref x 4.12
09h
Vref x 2.13
19h
Vref x 4.28
0Ah
Vref x 2.21
1Ah
Vref x 4.42
0Bh
Vref x 2.29
1Bh
Vref x 4.58
0Ch
Vref x 2.37
1Ch
Vref x 4.75
0Dh
Vref x 2.45
1Dh
Vref x 4.90
0Eh
Vref x 2.53
1Eh
Vref x 5.06
0Fh
Vref x 2.69
1Fh
Vref x 5.23
Note: Vref is the applicable voltage reference, selected by LDO_REF_SEL.
Table 39 LDO Output Voltage Control
BG_VSEL [4:0]
BG Voltage (V)
BG_VSEL [4:0]
BG Voltage (V)
00h
1.200
08h
1.414
01h
1.227
09h
1.440
02h
1.253
0Ah
1.467
03h
1.280
0Bh
1.494
04h
1.307
0Ch
1.520
05h
1.334
0Dh
1.547
06h
1.360
0Eh
1.574
07h
1.387
0Fh
1.600
Table 40 Bandgap Voltage Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com