Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946 Datasheet(PDF) 74 Page - Wolfson Microelectronics plc

Part # WM8946
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946 Datasheet(HTML) 74 Page - Wolfson Microelectronics plc

Back Button WM8946 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 78Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 175 page
background image
WM8946
Production Data
w
PD, July 2012, Rev 4.3
74
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5 (05h)
Companding
control
3
DAC_COMP
0
DAC Companding Enable
0 = Disabled
1 = Enabled
2
DAC_COMPMO
DE
0
DAC Companding Mode
0 = µ-law
1 = A-law
1
ADC_COMP
0
ADC Companding Enable
0 = Disabled
1 = Enabled
0
ADC_COMPMO
DE
0
ADC Companding Mode
0 = µ-law
1 = A-law
Table 47 Companding Control
Companding uses a piecewise linear approximation of the following equations (as set out by ITU-T
G.711 standard) for data compression:
-law (where =255 for the U.S. and Japan):
F(x) = ln( 1 +
|x|) / ln( 1 + )
} for -1 ≤ x ≤ 1
Table 1
law (where A=87.6 for Europe):
F(x) = A|x| / ( 1 + lnA)
 for x ≤ 1/A
F(x) = ( 1 + lnA|x|) / (1 + lnA)
 for 1/A ≤ x ≤ 1
u-law Companding
0
20
40
60
80
100
120
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Normalised Input
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Figure 29 µ-Law Companding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com