Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946 Datasheet(PDF) 83 Page - Wolfson Microelectronics plc

Part # WM8946
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946 Datasheet(HTML) 83 Page - Wolfson Microelectronics plc

Back Button WM8946 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 86Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 87Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 175 page
background image
Production Data
WM8946
w
PD, July 2012, Rev 4.3
83
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1
FLL_FRAC
1
Fractional enable
0 = Integer Mode
1 = Fractional Mode
Integer mode offers reduced power
consumption. Fractional mode offers
best FLL performance, provided also
that N.K is a non-integer value.
0
FLL_ENA
0
FLL Enable
0 = Disabled
1 = Enabled
R9 (09h)
FLL Control 2
15:0
FLL_K[15:0]
3137h
Fractional multiply for FREF
(MSB = 0.5)
R10 (0Ah)
FLL Control 3
14:5
FLL_N[9:0]
008h
Integer multiply for FREF
(LSB = 1)
3:0
FLL_GAIN
[3:0]
0100
Gain applied to error
0000 = x 1 (Recommended value)
0001 = x 2
0010 = x 4
0011 = x 8
0100 = x 16
0101 = x 32
0110 = x 64
0111 = x 128
1000 = x 256
Recommended that this register is set
to 0000.
Table 55 Frequency Locked Loop Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com