Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946 Datasheet(PDF) 24 Page - Wolfson Microelectronics plc

Part # WM8946
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946 Datasheet(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM8946 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 28Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 175 page
background image
WM8946
Production Data
w
PD, July 2012, Rev 4.3
24
INPUT PGA ENABLE
The input PGAs (Programmable Gain Amplifiers) are enabled using register bits INPPGAR_ENA and
INPPGAL_ENA, as described in Table 1.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2 (02h)
Power
Management 1
13
INPPGAR_ENA
0
Right Input PGA Enable
0 = Disabled
1 = Enabled
12
INPPGAL_ENA
0
Left Input PGA Enable
0 = Disabled
1 = Enabled
Table 1 Input PGA Enable
To enable the input PGAs, the reference voltage VMID and the bias current must also be enabled.
See “Reference Voltages and Master Bias” for details of the associated controls VMID_SEL and
BIAS_ENA.
INPUT PGA CONFIGURATION
Microphone and Line level audio inputs can be connected to the WM8946 in single-ended or
differential configurations. (These two configurations are illustrated in Figure 58 and Figure 59 in the
section describing the external components requirements - see “Applications Information”.)
For single-ended microphone inputs, the microphone signal is connected to the non-inverting input of
the PGAs, whilst the inverting inputs of the PGAs are connected to VMID. For differential microphone
inputs, the non-inverted microphone signal is connected to the non-inverting input of the PGAs, whilst
the inverted (or ‘noisy ground’) signal is connected to the inverting input pins.
Line level inputs are connected in the same way as a single-ended microphone signal.
The non-inverting input of the PGAs is configured using the P_PGAR_SEL and P_PGAL_SEL
registers. These registers allow the selection of three possible input pins to the associated PGA.
When the AUX1 or AUX2 pin is used as an audio input, that pin must be configured for audio using
the AUX1_AUDIO or AUX2_AUDIO register bits.
The inverting input of the PGAs is configured using MICRN_TO_N_PGAR and MICLN_TO_N_PGAL.
These registers allow the PGA to operate in either single-ended or pseudo-differential configuration.
The registers for configuring the Input PGAs are described in Table 2.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R39 (27h)
Input Ctrl
8
AUX2_AUDIO
0
AUX2 pin configuration
0 = Non-Audio signal
1 = AC-coupled Audio signal
7
AUX1_AUDIO
0
AUX1 pin configuration
0 = Non-Audio signal
1 = AC-coupled Audio signal
5
MICRN_TO_N_
PGAR
1
Right Input PGA Inverting Input
Select
0 = Connected to VMID
1 = Connected to IN2R
4
MICLN_TO_N_P
GAL
1
Left Input PGA Inverting Input
Select
0 = Connected to VMID
1 = Connected to IN2L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com