Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946 Datasheet(PDF) 86 Page - Wolfson Microelectronics plc

Part # WM8946
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946 Datasheet(HTML) 86 Page - Wolfson Microelectronics plc

Back Button WM8946 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 86Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 87Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 88Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 89Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 90Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 175 page
background image
WM8946
Production Data
w
PD, July 2012, Rev 4.3
86
VIDEO BUFFER
The WM8946 provides a current mode output video buffer with an input 3
rd order Butterworth low pass
filter (LPF) and clamp. The video buffer is powered from LDOVDD – typically 3.3V. The video buffer is
compatible with PAL and NTSC video formats.
The low pass filter (LPF) is intended to remove images in the video DAC output waveform at multiples
of the DAC clock frequency. The input clamp supports AC coupling at the input to the video buffer.
Figure 33 Video Buffer Lowpass Filter Frequency Response Gain=0dB
The current mode output employed by the WM8946 video buffer allows operation at lower supply
voltages than voltage mode video buffers. The current mode output also provides inherent protection
against short circuits during jack insertion and removal. A current reference resistor (positioned close
to the WM8946) ensures that the signal swing at the output of the buffer is the same as that at the
receiving equipment (e.g. a television set), thus providing excellent signal reproduction.
For best performance, the input to the video buffer should be AC coupled and terminated to 75
.
Note that the input clamp and pull-down features described below are only applicable to the AC-
coupled input configuration.
Care should be taken with PCB layout, designing for at least 1GHz frequencies to avoid degrading
performance. PCB vias and sharp corners should be avoided and parasitic capacitance minimised
on signal paths; these should be kept as short and straight as possible. The LDOVDD supply should
be decoupled as close to the WM8946 as possible. See the “External Components” section for more
information.
The video buffer is enabled using the VB_ENA register bit. The gain of the video buffer is selected
using VB_GAIN; this can be set to 0dB or 6dB (corresponding to 6dB or 12dB unloaded). The LPF
response can be adjusted by setting the VB_QBOOST register; this provides a small amount of
additional gain in the region of the cut-off frequency.
The input signal clamp is enabled using VB_CLAMP; this controls the DC component of the video
signal for compatibility with the WM8941. The video buffer pull-down can be enabled using VB_PD;
this may be used during power-up of the video buffer in order to align the signal levels between the
source and the WM8946. Note that the pull-down should not be enabled during normal operation of
the video buffer; it should be enabled when the video buffer is first powered up, and subsequently
disabled (e.g. After 20ms) once the circuit has settled.
A programmable DC offset can be applied to the output signal using the VB_DISOFF register field;
this can be set to 0mV, 20mV or 40mV offset.
Note that the VMID reference (see “Voltage References and Master Bias”) must be enabled when
using the WM8946 video buffer. VMID is enabled by setting VMID_ENA, as defined in Table 41.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com