Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8946
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8946 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 175 page
background image
w
WM8946
Stereo Low-Power CODEC with Video Buffer
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews
Production Data, July 2012, Rev 4.3
Copyright
2012 Wolfson Microelectronics plc
DESCRIPTION
The WM8946 is a highly integrated low power hi-fi CODEC
designed for portable devices such as digital still cameras.
Up to 6 analogue inputs may be connected; a 2-channel digital
microphone interface is also provided. Flexible output mixing
options support single-ended and differential configurations, with
outputs derived from the digital audio paths or from analogue
bypass paths. Twin stereo outputs or stereo line and mono BTL
headphone/speaker drive may be supported.
Flexible digital mixing and powerful DSP functions are available.
Programmable filters and other processes may be applied to the
ADC or DAC signal paths. The DSP functions include 3D-stereo
enhancement, 5 notch filters, 5-band EQ, dynamic range control
and the Wolfson ReTune™ feature.
The ReTune™ feature is a sophisticated digital filter that can
compensate for imperfect characteristics of the housing,
loudspeaker or microphone components in an application. The
ReTune™ algorithm can provide acoustic equalisation and
selective phase (delay) control of specific frequency bands.
The WM8946 is controlled via a I2C or SPI interface. Additional
functions include Digital beep generator, Video buffer,
programmable GPIO functions, Frequency Locked Loop (FLL)
for flexible clocking support and integrated LDO for low noise
supply regulation.
The WM8946 is supplied in 36-ball W-CSP package, ideal for
portable systems.
FEATURES
Hi-fi audio CODEC
-
94dB SNR during ADC recording (‘A’ weighted)
-
96dB SNR during DAC playback (‘A’ weighted)
6 analogue audio inputs
Integrated bias reference for electret microphones
2-channel digital microphone interface
Powerful digital mixing / DSP functions:
-
3D-stereo enhancement
-
5-notch filters
-
5-band equalizer (EQ)
-
ReTune™ parametric filter
-
Dynamic range control and noise gate
-
Low-pass/High-pass filters
-
Direct Form 1 (DF1) programmable digital filter
Digital beep generator
4 analogue audio outputs
Stereo line output
Mono BTL headphone/speaker output driver
I2S digital audio interface - sample rates 8kHz to 48kHz
Frequency Locked Loop (FLL) frequency conversion / filter
Video buffer function
Integrated LDO low-noise voltage regulator
36-ball W-CSP package (2.97 x 3.07 x 0.7mm, 0.5mm pitch)
APPLICATIONS
Digital Still Cameras (DSC)
Multimedia phones
IN1R
IN2R
DCVDD
DBVDD
SPKVDD
IN1L/DMICDAT
IN2L
ADC R
ADC L
AUX1
AUX2
ADC /
Record
Digital
Filters
DSP Core
(3D surround,
Re-Tune EQ,
Dynamic Range
Control)
DAC
Digital
Filters
DAC R
DAC L
CONTROL
INTERFACE
FLL
GPIO
DIGITAL AUDIO
INTERFACE
Digital Mic
Interface
-1
-1
Digital Beep
Generator
DMICCLK
(GPIO)
DMICDAT
VBIN
VBREFR
W
WM8946
OUTPUT
MIXERS
MICBIAS
LDO
Analogue Mic
Mux / PGA
Analogue Mic
Mux / PGA
SPKOUTL
SPKOUTR
LINEOUTL
LINEOUTR
VBOUT
CURRENT MODE
VIDEO BUFFER
Reference


Similar Part No. - WM8946

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM8946 CIRRUS-WM8946 Datasheet
3Mb / 173P
Stereo Low-Power CODEC with Video Buffer
More results

Similar Description - WM8946

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8980 WOLFSON-WM8980 Datasheet
963Kb / 81P
STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
WM8980 WOLFSON-WM8980_07 Datasheet
1Mb / 112P
Stereo CODEC With Speaker Driver and Video Buffer
logo
Cirrus Logic
CS42L51 CIRRUS-CS42L51_07 Datasheet
1Mb / 88P
Low Power, Stereo CODEC with Headphone Amp
logo
Wolfson Microelectronic...
WM8945 WOLFSON-WM8945 Datasheet
1Mb / 169P
Mono Low-Power CODEC with Video Buffer and Touch Panel Controller
WM8948 WOLFSON-WM8948 Datasheet
1Mb / 189P
Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
WM8980 WOLFSON-WM8980_12 Datasheet
1Mb / 123P
Stereo CODEC with Speaker Driver and Video Buffer
logo
Freescale Semiconductor...
SGTL5000XNAA3R2 FREESCALE-SGTL5000XNAA3R2 Datasheet
1Mb / 68P
Low Power Stereo Codec with Headphone Amp
logo
Texas Instruments
TLV320AIC3107 TI1-TLV320AIC3107 Datasheet
2Mb / 102P
Low-Power Stereo Codec
logo
Cirrus Logic
WM8944B CIRRUS-WM8944B Datasheet
2Mb / 165P
Mono Low-Power CODEC with Video Buffer
WM8946 CIRRUS-WM8946 Datasheet
3Mb / 173P
Stereo Low-Power CODEC with Video Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com