Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946 Datasheet(PDF) 67 Page - Wolfson Microelectronics plc

Part # WM8946
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946 Datasheet(HTML) 67 Page - Wolfson Microelectronics plc

Back Button WM8946 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 71Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 175 page
background image
Production Data
WM8946
w
PD, July 2012, Rev 4.3
67
A pop-suppressed start-up requires VMID to be enabled smoothly, without the step change normally
associated with the initial stage of the VMID capacitor charging. A pop-suppressed start-up also
requires the analogue bias current to be enabled throughout the signal path prior to the VMID
reference voltage being applied. The WM8946 incorporates pop-suppression circuits which address
these requirements.
An alternate bias current source (Start-Up Bias) is provided for pop-free start-up; this is enabled by
the STARTUP_BIAS_ENA register bit. The start-up bias is selected (in place of the normal bias)
using the BIAS_SRC bit. It is recommended that the start-up bias is used during start-up, before
switching back to the higher quality, normal bias.
A soft-start circuit is provided in order to control the switch-on of the VMID reference. The soft-start
control circuit offers two slew rates for enabling the VMID reference; these are selected and enabled
by VMID_RAMP. When the soft-start circuit is enabled prior to enabling VMID_SEL, the reference
voltage rises smoothly, without the step change that would otherwise occur. It is recommended that
the soft-start circuit and the output signal path be enabled before VMID is enabled by VMID_SEL.
A soft shut-down is provided, using the soft-start control circuit and the start-up bias current
generator. The soft shut-down of VMID is achieved by setting VMID_RAMP, STARTUP_BIAS_ENA
and BIAS_SRC to select the start-up bias current and soft-start circuit prior to setting VMID_SEL=00.
The internal LDO (described in the previous section) requires a voltage reference. Under normal
operating conditions, this is provided from VMID, via the register controls described in Table 41. Note,
however, that VMID is normally generated from the LDO output. Therefore, an alternative voltage
reference is required for start-up, which is not dependent on the LDO output. The
VMID_FAST_START bit enables a ‘Fast-Start’ reference powered from LDOVDD. This alternate
VMID can be selected as the LDO reference using the LDO_REF_SEL_FAST bit as described in
Table 38.
The VMID soft-start and fast start register controls are defined in Table 42.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R7 (07h)
Additional
control
11
VMID_FAST_STA
RT
0
VMID (fast-start) Enable
0 = Disabled
1 = Enabled
8
STARTUP_BIAS_
ENA
0
Start-Up Bias Enable
0 = Disabled
1 = Enabled
7
BIAS_SRC
0
Bias Source select
0 = Normal bias
1 = Start-Up bias
6:5
VMID_RAMP [1:0]
00
VMID soft start enable / slew rate
control
00 = Disabled
01 = Fast soft start
10 = Normal soft start
11 = Slow soft start
Table 42 Soft Start Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com