Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946 Datasheet(PDF) 36 Page - Wolfson Microelectronics plc

Part # WM8946
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946 Datasheet(HTML) 36 Page - Wolfson Microelectronics plc

Back Button WM8946 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 40Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 175 page
background image
WM8946
Production Data
w
PD, July 2012, Rev 4.3
36
Typical applications for the notch filters are filtering of fixed-frequency noise or resonances; these
might arise from a motor (e.g. DSC zoom lens motor) or from characteristics of the application
housing. Example plots of the Notch filter response are shown in Figure 16.
Notch Response - Slave Mode - fc=1kHz, fb=1kHz Depth 0 to 100%
-100
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
V
520
1.5k
550 600 650 700 750 800 850 900
1k
1.2k
Hz
Notch Response - Slave Mode - fc=1kHz, fb=100, 500, 1k, 5k, 10kHz -
Depth=100%
-100
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
V
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
T
T
1kHz notch, bandwidth 1kHz, depth 0% to 100% in 20% steps
1kHz notch, 100% depth, bandwidth 100Hz, 500Hz, 1kHz, 5kHz, 10kHz
Notch Response - Slave Mode - fc=200, 500, 1k, 2k, 5k, 10kHz, fb=fc/2,
Depth 100%
-100
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
V
100
20k
200
500
1k
2k
5k
10k
Hz
TTTTTTTTTTTTT
5 notches, bandwidth Fcentre/2, depth 100%
Figure 16 Notch Filter Responses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com