Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9712CLGEFL/V Datasheet(PDF) 34 Page - Wolfson Microelectronics plc

Part # WM9712CLGEFL/V
Description  AC??7 Audio and Touchpanel CODEC
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9712CLGEFL/V Datasheet(HTML) 34 Page - Wolfson Microelectronics plc

Back Button WM9712CLGEFL/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 38Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 78 page
background image
WM9712L
Production Data
w
PD, Rev 4.6, November 2011
34
DIGITAL AUDIO (SPDIF) OUTPUT
The WM9712L supports the SPDIF standard using pin 47 as its output. Note that pin 47 can also be
used as a GPIO pin. The GE5 bit (register 56h, bit 5) selects between GPIO and SPDIF functionality
(see “GPIO and Interrupt control” section).
Register 3Ah is a read/write register that controls SPDIF functionality and manages bit fields
propagated as channel status (or sub-frame in the V case). With the exception of V, this register
should only be written to when the SPDIF transmitter is disabled (SPDIF bit in register 2Ah is ‘0’).
Once the desired values have been written to this register, the contents should be read back to
ensure that the sample rate in particular is supported, then SPDIF validity bit SPCV in register 2Ah
should be read to ensure the desired configuration is valid. Only then should the SPDIF enable bit in
register 2Ah be set. This ensures that control and status information start up correctly at the
beginning of SPDIF transmission.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2Ah
Extended
Audio
10
SPCV
0
SPDIF validity bit (read-only)
5:4
SPSA
01
SPDIF slot assignment (ADCO = 0)
00: Slots 3, 4
01: Slots 6, 9
10: Slots 7, 8
11: Slots 10, 11
2
SEN
0
SPDIF output enable
1 = enabled, 0 = disabled
3Ah
SPDIF
Control
Register
15
V
0
Validity bit; ‘0’ indicates frame valid, ‘1’
indicates frame not valid
14
DRS
0
Indicates that the WM9712L does not support
double rate SPDIF output (read-only)
13:12
SPSR
10
Indicates that the WM9712L only supports
48kHz sampling on the SPDIF output (read-
only)
11
L
0
Generation level; programmed as required by
user
10:4
CC
0000000
Category code; programmed as required by
user
3
PRE
0
Pre-emphasis; ‘0’ indicates no pre-emphasis,
‘1’ indicates 50/15us pre-emphasis
2
COPY
0
Copyright; ‘0’ indicates copyright is not
asserted, ‘1’ indicates copyright
1
AUDIB
0
Non-audio; ‘0’ indicates data is PCM, ‘1’
indicates non-PCM format (e.g. DD or DTS)
0
PRO
0
Professional; ‘0’ indicates consumer, ‘1’
indicates professional
5Ch
Additional
Function
Control
4
ADCO
0
Source of SPDIF data
0: SPDIF data comes from SDATAOUT (pin
5), slot selected by SPSA
1: SPDIF data comes from audio ADC
Table 22 SPDIF Output Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com