Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9712CLGEFL/V Datasheet(PDF) 29 Page - Wolfson Microelectronics plc

Part # WM9712CLGEFL/V
Description  AC??7 Audio and Touchpanel CODEC
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9712CLGEFL/V Datasheet(HTML) 29 Page - Wolfson Microelectronics plc

Back Button WM9712CLGEFL/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 33Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 78 page
background image
Production Data
WM9712L
w
PD, Rev 4.6, November 2011
29
ANALOGUE AUDIO OUTPUTS
The following sections give an overview of the analogue audio output pins. For more information on
recommended external components, please refer to the “Applications Information” section.
HEADPHONE OUTPUTS – HPOUTL AND HPOUTR
The HPOUTL and HPOUTR (pins 39 and 41) are designed to drive a 16
 or 32 headphone or a line
output. They can also be used as line-out pins. The output signal is produced by the headphone
mixer.
The signal volume on HPOUTL and HPOUTR can be independently adjusted under software control
by writing to register 04h. When HPOUTL and HPOUTR are not used, the output drivers can be
disabled to save power (see “Power Management” section). Both pins remain at the same DC level
(the reference voltage VREF) when they are disabled, so that no click noise is produced.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
04h
HPOUTL /
HPOUTR
Volume
15
MUTE
1
Mute HPOUTL and HPOUTR
1: Mute (OFF)
0: No Mute (ON)
13:8
HPOUTLVOL
000000
(0dB)
HPOUTL Volume
000000: 0dB (maximum)
000001: -1.5dB
… (1.5dB steps)
011111: -46.5dB
1xxxxx: -46.5dB
7
ZC
0
Zero Cross Enable
0: Change gain immediately
1: Change gain only on zero crossings,
or after time-out
5:0
HPOUTRVOL
00000
(0dB)
HPOUTR Volume
Similar to HPOUTLVOL
Table 15 HPOUTL / HPOUTR Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com