Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9712CLGEFL/V Datasheet(PDF) 66 Page - Wolfson Microelectronics plc

Part # WM9712CLGEFL/V
Description  AC??7 Audio and Touchpanel CODEC
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9712CLGEFL/V Datasheet(HTML) 66 Page - Wolfson Microelectronics plc

Back Button WM9712CLGEFL/V Datasheet HTML 62Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 64Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 65Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 66Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 67Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 68Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 69Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 70Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 78 page
background image
WM9712L
Production Data
w
PD, Rev 4.6, November 2011
66
Register 1Ch
controls the.recording gain.
REG
ADDR
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
1Ch
15
RMU
1 (mute)
Mutes audio ADC input
Audio ADC,
Record Gain
14
GRL
0 (standard)
Selects gain range for PGA of left ADC. 0=0...+22.5dB in
1.5dB steps, 1=-17.25...+30dB in 0.75dB steps
13:8
RECVOLL
000000 (0dB)
Controls left ADC recording volume
7
ZC
0 (OFF)
Enables zero-cross detector
6
GRR
0 (standard)
Selects gain range for PGA of left ADC. 0=0...+22.5dB in
1.5dB steps, 1=-17.25...+30dB in 0.75dB steps
5:0
RECVOLR
000000 (0dB)
Controls right ADC recording volume
Register 20h
is a “general purpose” register as defined by the AC’97 specification. Only two bits are implemented in the
WM9712L.
REG
ADDR
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
20h
13
3DE
0 (OFF)
Enables 3D enhancement
Audio DACs, 3D Stereo
Enhancement
7
LB
0 (OFF)
Enables loopback (i.e. feed ADC output data
directly into DAC)
Intel’s AC’97 Component
Specification, Revision 2.2, page 55
Register 22h
controls 3D stereo enhancement for the audio DACs.
REG
ADDR
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
22h
5
3DLC
0 (low)
Selects lower cut-off frequency
Audio DACs,
3D Stereo
Enhancement
4
3DUC
0 (high)
Selects upper cut-off frequency
3:0
3DDEPTH
0000 (0%)
Controls depth of 3D effect
Register 24h
is for power management additional to the AC’97 specification. Note that the actual state of each circuit block
depends on both register 24h AND register 26h.
REG
ADDR
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
24h
15
PD15
0 *
Disables Crystal Oscillator
Power
Management
14
PD14
0 *
Disables left audio DAC
13
PD13
0 *
Disables right audio DAC
12
PD12
0 *
Disables left audio ADC
11
PD11
0 *
Disables right audio ADC
10
PD10
0 *
Disables MICBIAS
9
PD9
0 *
Disables left headphone mixer
8
PD8
0 *
Disables right headphone mixer
7
PD7
0 *
Disables speaker mixer
6
PD6
0 *
Disables MONO_OUT buffer (pin 33) and phone mixer
5
PD5
0 *
Disables OUT3 buffer (pin 37)
4
PD4
0 *
Disables headphone buffers (HPOUTL/R)
3
PD3
0 *
Disables speaker outputs (LOUT2, ROUT2)
2
PD2
0 *
Disables Line Input PGA (left and right)
1
PD1
0 *
Disables Phone Input PGA
0
PD0
0 *
Disables Mic Input PGA (left and right)
* “0” corresponds to “ON”, if and only if the corresponding bit in register 26h is also 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com