Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9712CLGEFL/V Datasheet(PDF) 31 Page - Wolfson Microelectronics plc

Part # WM9712CLGEFL/V
Description  AC??7 Audio and Touchpanel CODEC
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9712CLGEFL/V Datasheet(HTML) 31 Page - Wolfson Microelectronics plc

Back Button WM9712CLGEFL/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 35Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 78 page
background image
Production Data
WM9712L
w
PD, Rev 4.6, November 2011
31
LOUDSPEAKER OUTPUTS – LOUT2 AND ROUT2
The LOUT2 and ROUT2 outputs are designed to differentially drive an 8
 mono speaker. They can
also be used as a stereo line-out or headphone output.
For speaker drive, the LOUT2 signal must be inverted (INV = 1), so that the left and right channel are
added up in the speaker [R–(-L) = R+L].
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
02h
LOUT2/ROUT2
Volume
15
MUTE
1
Mute LOUT2 and ROUT2
1: Mute (OFF)
0: No Mute (ON)
13:8
LOUT2VOL
00000
(0dB)
LOUT2 Volume
000000: 0dB (maximum)
000001: -1.5dB
… (1.5dB steps)
011111: -46.5dB
1xxxxx: -46.5dB
7
ZC
0
Zero Cross Enable
0: Change gain immediately
1: Change gain only on zero crossings,
or after time-out
6
INV
0
LOUT2 Invert
0 = No Inversion (0
 phase shift)
1 = Signal inverted (180
 phase shift)
5:0
ROUT2VOL
00000
(0dB)
ROUT2 Volume
Similar to LOUT2VOL
16h
8
SRC
0
Source of LOUT2/ROUT2 signals
0: speaker mixer (for BTL speaker)
1: headphone mixer (for stereo output)
Table 17 LOUT2 / ROUT2 Control
Note:
1.
For BTL speaker drive, it is recommended that LOUT2VOL = ROUT2VOL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com