Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9712CLGEFL/V Datasheet(PDF) 53 Page - Wolfson Microelectronics plc

Part # WM9712CLGEFL/V
Description  AC??7 Audio and Touchpanel CODEC
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9712CLGEFL/V Datasheet(HTML) 53 Page - Wolfson Microelectronics plc

Back Button WM9712CLGEFL/V Datasheet HTML 49Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 50Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 51Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 52Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 53Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 54Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 55Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 56Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 57Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 78 page
background image
Production Data
WM9712L
w
PD, Rev 4.6, November 2011
53
The properties of the GPIOs are controlled through registers 4Ch to 52h, as shown below.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
4Ch
n
GCn
1
GPIO Pin Configuration
0: Output
1: Input
GC11-15 are always ‘1’
Unused bits GC6-GC10 are always ‘0’
4Eh
n
GPn
1
GPIO Pin Polarity / Type
0: Active Low
1: Active High
[GIn = pin level XNOR GPn]
Unused bits GP6-GP10 are always ‘1’
50h
n
GSn
0
GPIO Pin Sticky
1: Sticky
0: Not Sticky
Unused bits GS6-GS10 are always ‘0’
52h
n
GWn
0
GPIO Pin Wake-up
1: Wake Up (generate interrupts from this pin)
0: No wake-up (no interrupts generated)
Unused bits GW6-GW10 are always ‘0’
54h
n
GIn
N/A
GPIO Pin Status
Read: Returns status of each GPIO pin
Write: Writing ‘0’ clears sticky bit
Unused bits GI6-GI10 are always ‘0’
Table 38 GPIO Control
The following procedure is recommended for handling interrupts:
When the controller receives an interrupt, check register 54h. For each GPIO bit in descending order
of priority, check if the bit is ‘1’. If yes, execute corresponding interrupt routine, then write ‘0’ to
corresponding bit in 54h. If no, continue to next lower priority GPIO. After all GPIOs have been
checked, check if the interrupt still present or no. If yes, repeat procedure. If no, then jump back to
process that ran before the interrupt.
If the system CPU cannot execute such an interrupt routine, it may be preferable to switch internal
signals (such as PENDOWN) directly onto the GPIO pins. However, in this case the interrupt signals
cannot be made sticky, and more GPIO pins are tied up both on the WM9712L and on the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com