Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9712CLGEFL/V Datasheet(PDF) 25 Page - Wolfson Microelectronics plc

Part # WM9712CLGEFL/V
Description  AC??7 Audio and Touchpanel CODEC
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9712CLGEFL/V Datasheet(HTML) 25 Page - Wolfson Microelectronics plc

Back Button WM9712CLGEFL/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 29Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 78 page
background image
Production Data
WM9712L
w
PD, Rev 4.6, November 2011
25
AUDIO DACS
STEREO DAC
The WM9712L has a stereo sigma-delta DAC that achieves high quality audio playback at low power
consumption. Digital tone control, adaptive bass boost and 3-D enhancement functions operate on
the digital audio data before it is passed to the stereo DAC. (Contrary to the AC’97 specification, they
have no effect on analogue input signals or signals played through the auxiliary DAC. Nevertheless,
the ID2 and ID5 bits in the reset register, 00h, are set to ‘1’ to indicate that the WM9712L supports
tone control and bass boost.)
The DAC output has a PGA for volume control. The DAC sample rate can be controlled by writing to a
control register (see “Variable Rate Audio”). It is independent of the ADC sample rate. The left and
right DACs can be separately powered down using the PD13 and PD14 control bits, whereas the PR1
bit disables both DACs (see “Power Management” section).
STEREO DAC VOLUME
The volume of the DAC output signal is controlled by a PGA (Programmable Gain Amplifier). It can be
mixed into the headphone, speaker and phone output paths (see “Audio Mixers”).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
18h
DAC
Volume
15
D2H
1
Mute DAC path to headphone mixer
1: Mute, 0: No mute (ON)
14
D2S
1
Mute DAC path to speaker mixer
1: Mute, 0: No mute (ON)
13
D2P
1
Mute DAC path to phone mixer
1: Mute, 0: No mute (ON)
12:8
DACL
VOL
01000
(0dB)
Left DAC Volume
00000: +12dB
… (1.5dB steps)
11111: -34.5dB
4:0
DACR
VOL
01000
(0dB)
Right DAC Volume
similar to DACLVOL
5Ch
Additional
Functions
(1)
15
AMUTE
0
Read-only bit to indicate auto-muting
1: DAC auto-muted
0: DAC not muted
7
AMEN
0
DAC Auto-Mute Enable
1: Automatically mutes analogue output of
stereo DAC if digital input is zero
0: Auto-mute OFF
Table 11 Stereo DAC Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com