Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9712CLGEFL/V Datasheet(PDF) 55 Page - Wolfson Microelectronics plc

Part # WM9712CLGEFL/V
Description  AC??7 Audio and Touchpanel CODEC
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9712CLGEFL/V Datasheet(HTML) 55 Page - Wolfson Microelectronics plc

Back Button WM9712CLGEFL/V Datasheet HTML 51Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 52Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 53Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 54Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 55Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 56Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 57Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 58Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 59Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 78 page
background image
Production Data
WM9712L
w
PD, Rev 4.6, November 2011
55
POWER MANAGEMENT
The WM9712L includes the standard power down control register defined by the AC’97 specification
(register 26h). Additionally, it also allows more specific control over the individual blocks of the device
through register 24h. Each particular circuit block is active when both the relevant bit in register 26h
AND the relevant bit in register 24h are set to ‘0’.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
NORMAL
PIN 47 ‘HI’
DURING
RESET
26h
Powerdown/
Status
register
14
PR6
0 (ON)
1 (OFF)
Disables HPOUTL, HPOUTR and
OUT3 Buffer
13
PR5
0 (ON)
1 (OFF)
Disables internal clock
12
PR4
0 (ON)
1 (OFF)
Disables AC-link interface
(external clock off)
11
PR3
0 (ON)
1 (OFF)
Disables VREF, analogue mixers
and outputs
10
PR2
0 (ON)
1 (OFF)
Disables analogue mixers, LOUT2,
ROUT2 (but not VREF)
9
PR1
0 (ON)
1 (OFF)
Disables stereo DAC
8
PR0
0 (ON)
1 (OFF)
Disables audio ADCs and input
Mux
3
REF
1
0
Read-only bit, indicates VREF is
ready (inverse of PR2)
2
ANL
1
0
Read-only bit, indicates analogue
mixers are ready (inverse of PR3)
1
DAC
1
0
Read-only bit, indicates audio
DACs are ready (inverse of PR1)
0
ADC
1
0
Read-only bit, indicates audio
ADCs are ready (inverse of PR0)
Table 41 Powerdown and Status Register (Conforms to AC’97 Rev 2.2)
As can be seen from the table above, most blocks are ‘ON’ by default. However, if pin 47
(GPIO4/ADA/MASK) is held high during reset, the WM9712L starts up with all blocks powered down
by default, saving power. This is achieved by connecting a pull-up resistor (e.g. 100k
) from pin 47 to
DBVDD. Note that the state of pin 47 during reset only affects register 26h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com