Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9712CLGEFL/V Datasheet(PDF) 35 Page - Wolfson Microelectronics plc

Part # WM9712CLGEFL/V
Description  AC??7 Audio and Touchpanel CODEC
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9712CLGEFL/V Datasheet(HTML) 35 Page - Wolfson Microelectronics plc

Back Button WM9712CLGEFL/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 39Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 78 page
background image
Production Data
WM9712L
w
PD, Rev 4.6, November 2011
35
AUDIO MIXERS
MIXER OVERVIEW
The WM9712L has three separate low-power audio mixers to cover all audio functions required by
smartphones, PDAs and handheld computers. The diagram below shows the routing of the analogue
audio signals into the mixers. The numbers at the mixer inputs refer to the control register bits that
control the volume and muting for that particular signal.
PHONE_IN
PCBEEP
LINE_IN
Stereo
headphone /
headset
HPOUTL
HPOUTR
HPVOL
(Reg 04h)
MONOOUT
(PHONE TX)
OUT3VOL
(Reg 16h)
LOUT2
ROUT2
OUT2VOL
(Reg 02h)
loud
speaker
OUT3
ear
speaker
0Ch [4:0]
10h [12:8,4:0]
18h [12:8,4:0]
RECORD
SELECT
0Eh [12:8,4:0]
MICR
MICL
DIFF /
STEREO/
MONO
(Reg 20h)
STEREO
DAC
AUX
DAC
(12-BIT)
1Ch / ALC
0/20
dB
0Eh [7]
M
U
X
MONOOUT
VREF
18h [15]
10h [15]
14h [15:12]
14h [11:7]
0Ch [15]
12h [15:12]
18h [13]
10h [13]
0Eh [14,13]
1Ah [13:11]
0Ah [15:12]
HEAD
PHONE/
EAR
SPEAKER
MIX
PHONE
MIX
12h [7:4]
0Ah [7:4]
-1
M
U
X
12h [11:8]
18h [14]
10h [14]
0Ah [11:8]
0Ch [14]
BACK
SPEAKER
MIX
SRC
(Reg 16h)
OUT3SRC
(Reg 16h)
STEREO
ADC
M
U
X
PHONE MIX
HEADPHONE MIX
BACK SPKR MIX
INV
(Reg 02h)
1Ah [14]
0/20
dB
Figure 4 Audio Mixer Overview
HEADPHONE MIXER
The headphone mixer drives the HPOUTL and HPOUTR outputs. It also drives OUT3, if this pin is
connected to an ear speaker (phone receiver). The following signals can be mixed into the
headphone path:
PHONE (controlled by register 0Ch, see “Audio Inputs”)
LINE_IN (controlled by register 10h, see “Audio Inputs”)
the output of the Record PGA (see “Audio ADC”, “Record Gain”)
the stereo DAC signal (controlled by register 18h, see “Audio DACs”)
the MIC signal (controlled by register 0Eh, see “Audio Inputs”)
PC_BEEP (controlled by register 0Ah, see “Audio Inputs”)
the AUXDAC signal (controlled by register 12h, see “Auxiliary DAC”)
In a typical smartphone application, the headphone signal is a mix of PHONE and sidetone (for phone
calls) and the stereo DAC signal (for music playback).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com