Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9712CLGEFL/V Datasheet(PDF) 65 Page - Wolfson Microelectronics plc

Part # WM9712CLGEFL/V
Description  AC??7 Audio and Touchpanel CODEC
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9712CLGEFL/V Datasheet(HTML) 65 Page - Wolfson Microelectronics plc

Back Button WM9712CLGEFL/V Datasheet HTML 61Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 62Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 64Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 65Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 66Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 67Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 68Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 69Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 78 page
background image
Production Data
WM9712L
w
PD, Rev 4.6, November 2011
65
Register 12h
controls the output signal of the auxiliary DAC.
REG
ADDR
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
12h
15
A2H
1 (mute)
Mutes AUXDAC to headphone mixer path
Auxiliary DAC
14:12
A2HVOL
010 (0dB)
Controls gain of AUXDAC to headphone mixer path
11
A2S
1 (mute)
Mutes AUXDAC to speaker mixer path
10:8
A2SVOL
010 (0dB)
Controls gain of AUXDAC to speaker mixer path
7
A2P
1 (mute)
Mutes AUXDAC to phone mixer path
6:4
A2PVOL
010 (0dB)
Controls gain of AUXDAC to phone mixer path
0
AXE
0 (0FF)
Enables AUXDAC
Register 14h
controls the side tone paths.
REG
ADDR
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
14h
15
STM
1 (mute)
Mutes microphone to headphone mixer path
Audio Mixers,
Side Tone
Control
14:12
STVOL
010 (0dB)
Controls gain of microphone to headphone mixer path
11:10
ALCM
11 (mute both)
Selects ALC to headphone mixer path. 00=stereo, 01=right
only, 10=left only, 11=mute both left and right
9:7
ALCVOL
010 (0dB)
Controls gain of ALC to headphone mixer path
Register 16h
controls the analogue output pin OUT3, and also contains one control bit that affects LOUT2 and ROUT2.
REG
ADDR
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
16h
15
MU
1 (mute)
Mutes OUT3.
Analogue
Audio Outputs
10:9
OUT3SRC
00 (-HPOUTL)
Selects source of OUT3 signal. 00=-HPOUTL, 01=VREF,
10=HPOUTL+HPOUTR, 11=-MONOOUT
8
SRC
0 (spkr mix)
Selects source of LOUT2 and ROUT2 signals. 0=from
speaker mixer, 1=from headphone mixer
7
ZC
0 (disabled)
Zero-cross enable
5:0
OUT3VOL
000000 (0dB)
OUT3 volume
Register 18h
controls the audio DACs (but not AUXDAC).
REG
ADDR
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
18h
15
D2H
1 (mute)
Mutes DAC to headphone mixer path
Audio DACs
14
D2S
1 (mute)
Mutes DAC to speaker mixer path
13
D2P
1 (mute)
Mutes DAC to phone mixer path
12:8
LDACVOL
01000 (0dB)
Controls left DAC input gain to all mixers
4:0
RDACVOL
01000 (0dB)
Controls right DAC input gain to all mixers
Register 1Ah
controls the record selector and the ADC to phone mixer path.
REG
ADDR
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
1Ah
14
BOOST
0 (OFF)
Enables 20dB gain boost for recording
Audio ADC,
Record
Selector
13:12
R2P
11 (mute)
Controls ADC to phone mixer path. 00=stereo, 01=left
ADC only, 10=right ADC only, 11=mute left and right
11
R2PBST
0 (OFF)
Enables 20dB gain boost for ADC to phone mixer path
10:8
RECSL
000 (mic)
Selects left ADC signal source
2:0
RECSR
000 (mic)
Selects right ADC signal source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com