Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9712CLGEFL/V Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM9712CLGEFL/V
Description  AC??7 Audio and Touchpanel CODEC
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9712CLGEFL/V Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM9712CLGEFL/V Datasheet HTML 2Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 3Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 4Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 78 page
background image
WM9712L
Production Data
w
PD, Rev 4.6, November 2011
6
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at
or beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified.
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
Wolfson tests its package types according to IPC/JEDEC J-STD-020B for Moisture Sensitivity to determine acceptable storage
conditions prior to surface mount assembly. These levels are:
MSL1 = unlimited floor life at <30
C / 85% Relative Humidity. Not normally stored in moisture barrier bag.
MSL2 = out of bag storage for 1 year at <30
C / 60% Relative Humidity. Supplied in moisture barrier bag.
MSL3 = out of bag storage for 168 hours at <30
C / 60% Relative Humidity. Supplied in moisture barrier bag.
The Moisture Sensitivity Level for each package type is specified in Ordering Information.
CONDITION
MIN
MAX
Digital supply voltages (DCVDD, DBVDD)
-0.3V
+3.63V
Analogue supply voltages (AVDD, HPVDD, SPKVDD, TPVDD)
-0.3V
+3.63V
Touchpanel supply voltage (TPVDD)
AVDD -0.3V
AVDD +0.3V
Voltage range digital inputs
DGND -0.3V
DBVDD +0.3V
Voltage range analogue inputs
AGND -0.3V
AVDD +0.3V
Voltage range touchpanel Inputs X+, X-, Y+ and Y-
TPVDD +0.3V
Voltage range touchpanel Inputs X+, X-, Y+ and Y-
AVDD +0.3V
Voltage range, BMON/AUX3 (pin31)
+5V
Operating temperature range, TA
-25
oC
+85
oC
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital input/output buffer
supply range
DBVDD
Notes 1, 2
1.8
3.6 or
AVDD+0.3
V
Digital core supply range
DCVDD
Notes 1, 2
1.8
3.6 or
AVDD+0.3
V
Analogue supply range
AVDD, HPVDD,
SPKVDD, TPVDD
1.8
3.6
V
Digital ground
DCGND, DBGND
0
V
Analogue ground
AGND, HPGND,
SPKGND, TPGND
0
V
Difference AGND to DGND
Note 3
-0.3
0
+0.3
V
Notes:
1.
AVDD, DCVDD and DBVDD can all be different
2.
Digital supplies (DCVDD, DBVDD) must not exceed analogue supplies (AVDD, HPVDD, SPKVDD, TPVDD) by more
than 0.3V
3.
AGND is normally the same as DGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com