Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9712CLGEFL/V Datasheet(PDF) 28 Page - Wolfson Microelectronics plc

Part # WM9712CLGEFL/V
Description  AC??7 Audio and Touchpanel CODEC
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9712CLGEFL/V Datasheet(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM9712CLGEFL/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 32Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 78 page
background image
WM9712L
Production Data
w
PD, Rev 4.6, November 2011
28
AUXILIARY DAC
AUXDAC is a simple 12-bit mono DAC. It can be used to generate DC signals (with the numeric input
written into a control register), or AC signals such as telephone-quality ring tones or system beeps
(with the input signal supplied through an AC-Link slot). In AC mode (XSLE = 1), the input data is
binary offset coded; in DC mode (XSLE = 0), there is no offset.
The analogue output of AUXDAC is routed directly into the output mixers. The signal gain into each
mixer can be adjusted at the mixer inputs using control register 12h. In slot mode (XSLE = 1), the
AUXDAC also supports variable sample rates (See “Variable Rate Audio” section).
When the auxiliary DAC is not used, it can be powered down by setting AXE = 0. This is also the
default setting.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
64h
AUDAC Input
Control
15
XSLE
0
AUXDAC input selection
0: from AUXDACVAL (for DC signals)
1: from AC-Link slot selected by
AUXDACSLT (for AC signals)
14:12
AUXDAC
SLT
000
AUXDAC Input Selection
000 – Slot 5, bits 8-19 (with XSLE=1)
001 – Slot 6, bits 8-19 (with XSLE=1)
010 – Slot 7, bits 8-19 (with XSLE=1)
011 – Slot 8, bits 8-19 (with XSLE=1)
100 – Slot 9, bits 8-19 (with XSLE=1)
101 – Slot 10, bits 8-19 (with XSLE=1)
110 – Slot 11, bits 8-19 (with XSLE=1)
111 – RESERVED (do not use)
11:0
AUXDAC
VAL
000h
AUXDAC Digital Input (with XSLE=0)
000h: minimum
FFFh: full-scale
12h
AUXDAC Output
Control
15
A2H
1
Mute AUXDAC path to headphone
mixer
1: Mute, 0: No mute (ON)
14:12
A2HVOL
010
(0dB)
AUXDAC to headphone mixer gain
000: +6dB
… (3dB steps)
111: -15dB
11
A2S
1
Mute AUXDAC path to speaker mixer
1: Mute, 0: No mute (ON)
10:8
A2SVOL
010
(0dB)
AUXDAC to speaker mixer gain
000: +6dB
… (3dB steps)
111: -15dB
7
A2P
1
Mute AUXDAC path to phone mixer
1: Mute, 0: No mute (ON)
6:4
A2PVOL
010
(0dB)
AUXDAC to phone mixer gain
000: +6dB
… (3dB steps)
111: -15dB
0
AXE
0
0: AUXDAC off
1: AUXDAC enabled
Table 14 AUXDAC Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com