Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9712CLGEFL/V Datasheet(PDF) 44 Page - Wolfson Microelectronics plc

Part # WM9712CLGEFL/V
Description  AC??7 Audio and Touchpanel CODEC
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9712CLGEFL/V Datasheet(HTML) 44 Page - Wolfson Microelectronics plc

Back Button WM9712CLGEFL/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 46Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 47Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 48Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 78 page
background image
WM9712L
Production Data
w
PD, Rev 4.6, November 2011
44
When COO is ‘0’, the WM9712L performs one type of measurement once (in polling mode) or
continuously (in continuous mode).
The co-ordinate mode (COO = ‘1’) makes it easier to obtain co-ordinate pairs rather than single co-
ordinates. In polling-coordinate mode (CTC = ‘0’, COO = ‘1’), the WM9712L performs an X
measurement, followed by a Y measurement, followed by an additional measurement determined by
ADCSEL, then stops. In continuous-coordinate mode (CTC = ‘1’, COO = ‘1’), the WM9712L
continuously repeats a sequence consisting of an X-co-ordinate measurement, followed by a Y co-
ordinate measurement, followed by an additional measurement determined by ADCSEL (if ADCSEL =
000, the sequence is XYXYXY… only).
DATA READBACK
The output data word of the touchpanel interface consists of three parts:
Pen Status (1 bit) – this is also passed to the GPIO logic block, which can be
programmed to generate an interrupt and/or wake up the WM9712L on pen down (see
GPIO and Interrupt Control).
Output data from the touchpanel ADC (12 bits)
ADCSRC: 3 additional bits that indicate the source of the ADC data. With COO = ‘0’,
ADCSRC echoes ADCSEL. However, in co-ordinate mode (COO = ‘1’), the WM9712L
schedules different types of measurements autonomously and sets the ADCSRC bits
accordingly (see “Measurement Types”).
This data is stored in register 7Ah, and can be retrieved by reading the register in the usual manner
(see AC-Link Interface section). Additionally, the data can also be passed to the controller on one of
the AC-Link time slots not used for audio functions.
If the data is being read back using the polling method, there are several ways to determine when a
measurement has finished:
Reading back the POLL bit. If it has been reset to ‘0’, then the measurement has finished.
By monitoring the ADA signal, see GPIO and interrupt section
Reading back 7Ah until the new data appears
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7Ah
or
AC-Link slot
selected by
SLT
15
PNDN
0
Pen status (read-only)
0: Pen Up
1: Pen Down
14:12
ADCSRC
000
Touchpanel ADC Source
000: No measurement
001: X co-ordinate measurement
010: Y co-ordinate measurement
011: Pressure measurement
(4-wire touchpanels only)
100: COMP1/AUX1 measurement (pin 29)
101: COMP2/AUX2 measurement (pin 30)
110: BMON/AUX3 measurement (pin 31)
111: WIPER/AUX4 measurement (pin 12)
11:0
ADCD
000h
Touchpanel ADC Data (read-only)
Bit 11 = MSB
Bit 0 = LSB
78h
9
WAIT
0
0: No effect (new ADC data overwrites
unread data in register 7Ah)
1: New data is held back, and
measurements delayed, until register 7Ah is
read)
Table 29 Touchpanel Digitiser Data
To avoid losing data that has not yet been read, the WM9712L can delay overwriting register 7Ah with
new data until the old data has been read. This function is enabled using the WAIT bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com