Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9712CLGEFL/V Datasheet(PDF) 18 Page - Wolfson Microelectronics plc

Part # WM9712CLGEFL/V
Description  AC??7 Audio and Touchpanel CODEC
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9712CLGEFL/V Datasheet(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM9712CLGEFL/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 22Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 78 page
background image
WM9712L
Production Data
w
PD, Rev 4.6, November 2011
18
PCBEEP INPUT
Pin 19 (PCBEEP) is a mono, line level input intended for externally generated signal or warning
tones. It is routed directly to the record selector and all three output mixers, without an input amplifier.
The signal gain into each mixer can be independently controlled, with a separate mute bit for each
signal path.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0Ah
PCBEEP input
15
B2H
1
Mute PCBEEP path to headphone mixer
1: Mute, 0: No mute (ON)
14:12
B2HVOL
010
(0dB)
PCBEEP to headphone mixer gain
000: +6dB
… (3dB steps)
111: -15dB
11
B2S
1
Mute PCBEEP path to speaker mixer
1: Mute, 0: No mute (ON)
10:8
B2SVOL
010
(0dB)
PCBEEP to speaker mixer gain
000: +6dB
… (3dB steps)
111: -15dB
7
B2P
1
Mute PCBEEP path to phone mixer
1: Mute, 0: No mute (ON)
6:4
B2PVOL
010
(0dB)
PCBEEP to phone mixer gain
000: +6dB
… (3dB steps)
111: -15dB
Table 5 PCBEEP Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com