Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9712CLGEFL/V Datasheet(PDF) 68 Page - Wolfson Microelectronics plc

Part # WM9712CLGEFL/V
Description  AC??7 Audio and Touchpanel CODEC
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9712CLGEFL/V Datasheet(HTML) 68 Page - Wolfson Microelectronics plc

Back Button WM9712CLGEFL/V Datasheet HTML 64Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 65Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 66Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 67Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 68Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 69Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 70Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 71Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 72Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 78 page
background image
WM9712L
Production Data
w
PD, Rev 4.6, November 2011
68
Register 3Ah
controls the SPDIF output.
REG
ADDR
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
3Ah
15
V
0
Validity bit; ‘0’ indicates frame valid, ‘1’ indicates frame not
valid
Digital Audio
(SPDIF)
Output
14
DRS
0
Indicates that the WM9712L does not support double rate
SPDIF output (read-only)
13:12
SPSR
10
Indicates that the WM9712L only supports 48kHz sampling
on the SPDIF output (read-only)
11
L
0
Generation level; programmed as required by user
10:4
CC
0000000
Category code; programmed as required by user
3
PRE
0
Pre-emphasis; ‘0’ indicates no pre-emphasis, ‘1’ indicates
50/15us pre-emphasis
2
COPY
0
Copyright; ‘0’ indicates copyright is not asserted, ‘1’
indicates copyright
1
AUDIB
0
Non-audio; ‘0’ indicates data is PCM, ‘1’ indicates non-
PCM format (e.g. DD or DTS)
0
PRO
0
Professional; ‘0’ indicates consumer, ‘1’ indicates
professional
Register 4Ch to 54h
control the GPIO pins and virtual GPIO signals.
REG
ADDR
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
4Ch
please
refer to
the
register
map
all 1 (all inputs)
except unused
bits
Controls GPIO configuration as inputs or as outputs (note:
virtual GPIOs can only be inputs)
GPIO and
Interrupt
Control
4Eh
all 1
Controls GPIO polarity (actual polarity depends on register
4Ch AND register 4Eh)
50h
all 0 (not sticky)
Makes GPIO signals sticky
52h
all 0 (OFF)
Enables wake-up for each GPIO signal
54h
= status of GPIO
inputs
GPIO pin status (read from inputs, write ‘0’ to clear sticky bits)
15
Controls Comparator 1 signal (virtual GPIO)
14
Controls Comparator 2 signal (virtual GPIO)
13
Controls Pen-Down Detector signal (virtual GPIO)
12
Controls ADA signal (virtual GPIO)
11
Controls Thermal sensor signal (virtual GPIO)
10-6
Unused
5
Controls GPIO5 (pin 48)
4
Controls GPIO4 (pin 47)
3
Controls GPIO3 (pin 46)
2
Controls GPIO2 (pin 45)
1
Controls GPIO1 (pin 44)
Register 56h
controls the use of GPIO pins for non-GPIO functions.
REG
ADDR
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
56h
5
GE5
1 (GPIO)
Selects between GPIO5 and SPDIF_OUT function for pin 48
GPIO and
Interrupt
Control
4
GE4
1 (GPIO)
Selects between GPIO4 and ADA/MASK functionS for pin 47
3
GE3
1 (GPIO)
Selects between GPIO3 and PENDOWN function for pin 46
2
GE2
1 (GPIO)
Selects between GPIO2 and IRQ function for pin 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com