Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9712CLGEFL/V Datasheet(PDF) 30 Page - Wolfson Microelectronics plc

Part # WM9712CLGEFL/V
Description  AC??7 Audio and Touchpanel CODEC
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9712CLGEFL/V Datasheet(HTML) 30 Page - Wolfson Microelectronics plc

Back Button WM9712CLGEFL/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 34Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 78 page
background image
WM9712L
Production Data
w
PD, Rev 4.6, November 2011
30
EAR SPEAKER OUTPUT – OUT3
Pin 37 (OUT3) has a buffer that can drive load impedances down to 16
. It can be used to:
Drive an ear speaker (phone receiver). The speaker can be connected differentially
between OUT3 and HPOUTL, or in single-ended configuration (OUT3 to HPGND). The
ear speaker output is produced by the headphone mixer. The right signal must be
inverted (OUT3INV = 1), so that the left and right channel are mixed to mono in the
speaker [L–(-R) = L+R].
Eliminate the DC blocking capacitors on HPOUTL and HPOUTR. In this configuration,
OUT3 produces a buffered midrail voltage (AVDD/2) and is connected to the headphone
socket’s ground pin (see “Applications Information”)
Produce the inverse of the MONOOUT signal, for a differential mono output.
Note: OUT3 can only handle one of the above functions at any given time.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT DESCRIPTION
16h
OUT3
Control
15
MUTE
1
Mute OUT3
1: Mute (Buffer OFF)
0: No Mute (Buffer ON)
10:9
OUT3
SRC
00
Source of OUT3 signal
00
inverse of HPOUTR
(for BTL ear speaker)
01
VREF (for capless headphone drive)
10
mono mix of both headphone channels
(for single-ended ear speaker)
11
inverse of MONOOUT
(for differential mono output)
7
ZC
0
Zero Cross Enable
0: Change gain immediately
1: Change gain only on zero crossings, or after
time-out
5:0
OUT3
VOL
000000
(0dB)
OUT3 Volume
000000: 0dB (maximum)
000001: -1.5dB
… (1.5dB steps)
011111: -46.5dB
1xxxxx: -46.5dB
Table 16 OUT3 Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com