Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9712CLGEFL/V Datasheet(PDF) 74 Page - Wolfson Microelectronics plc

Part # WM9712CLGEFL/V
Description  AC??7 Audio and Touchpanel CODEC
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9712CLGEFL/V Datasheet(HTML) 74 Page - Wolfson Microelectronics plc

Back Button WM9712CLGEFL/V Datasheet HTML 70Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 71Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 72Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 73Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 74Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 75Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 76Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 77Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 78Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 74 / 78 page
background image
WM9712L
Production Data
w
PD, Rev 4.6, November 2011
74
BTL LOUDSPEAKER OUTPUT
LOUT2 and ROUT2 can differentially drive a mono 8
 loudspeaker as shown below.
LOUT2
ROUT2
WM9712L
INV = 1
Stereo: V
SPKR = R-(-L) = L+R
Mono: V
SPKR = M-(-M) = 2M
ROUT2VOL
LOUT2VOL
-1
Figure 27 Speaker Output Connection (INV = 1)
The right channel is inverted by setting the INV bit, so that the signal across the loudspeaker is the
sum of left and right channels.
COMBINED HEADSET / BTL EAR SPEAKER
In smartphone applications with a loudspeaker and separate ear speaker (receiver), a BTL ear
speaker can be connected at the OUT3 pin, as shown below.
HPOUTL
HPOUTR
HPGND = 0V
WM9712L
OUT3
BTL ear
speaker
Figure 28 Combined Headset / BTL Ear Speaker (OUT3SRC = 00)
The ear speaker and the headset play the same signal. Whenever the headset is plugged in, the
headphone outputs are enabled and OUT3 disabled. When the headset is not plugged in, OUT3 is
enabled (see “Jack Insertion and Auto-Switching”)
COMBINED HEADSET / SINGLE-ENDED EAR SPEAKER
Instead of a BTL ear speaker, a single-ended ear speaker can also be used, as shown below.
HPOUTL
HPOUTR
HPGND = 0V
WM9712L
OUT3
ear speaker
(single-ended)
Figure 29 Combined Headset / Single-ended Ear Speaker (OUT3SRC = 01)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com