Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 115 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 115 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 111Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 112Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 113Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 114Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 115Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 116Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 117Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 118Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 119Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
115
14.4.3
CONFIGURING THE WM8352 IN DEVELOPMENT MODE
The WM8352 can be configured in Development mode by writing to control bits that determine its
startup behaviour. The locations of these register bits are shown in Table 64 below. A typical
configuration sequence would include writes to some or all of the registers listed. If none of the
highlighted bits in any given register needs to be changed from its default, then no write to that
register is recommended.
The configuration bits include:
Duration control bits for the /RST reset signal (RSTB_TO)
GPIO pull-up / pull-down settings and debounce times (GPn_PD, GPn_PU, GPn_DB and
GP_DBTIME)
Alternate function and input/output selection for GPIO pins (GPn_FN, GPn_DIR and
GPn_CFG)
Voltage settings for DC-DC converters and LDO regulators (DCn_VSEL and LDOn_VSEL)
Time slots for automatic start of all DC-DC converters, all LDO regulators and the Current
Limit Switch during startup (DCn_ENSLOT, LDOn_ENSLOT and LS_ENSLOT). Note that
supplies can be programmed to not start up automatically by setting the respective
_ENSLOT bits to 0000.
Typically, the final step in the sequence is a write to register R6, in order to:
Select the WM8352 device address on the primary control interface, using the DEV_ADDR
bits.
Allow the WM8352 to proceed to startup. This is achieved by setting the CONFIG_DONE
bit (R6 bit 12) to 1.
Switch the control interface back to the primary interface (if desired), so that a host
processor can communicate with the WM8352. This is achieved by setting
USE_DEV_PINS (R6 bit 15) to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com