Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 117 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 117 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 113Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 114Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 115Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 116Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 117Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 118Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 119Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 120Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 121Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
117
14.5 CUSTOM MODES
The WM8352 provides three custom start-up modes. These are selected by setting the CONF1 and
CONF0 pins = 01, 10 or 11. The custom mode start-up sequences define the following parameters:
Polarity of the ON pin (Active low or high)
Configuration of the USB power source
Configuration of the Watchdog timer mode
Configuration of the Control Interface mode
Configuration of the 32kHz oscillator (enabled or disabled)
Configuration of the real-time-clock (enabled or disabled)
Configuration of LDO1
Selection of crystal oscillator detect mode (see Section 14.3.6)
Configuration of the voltage settings and start-up timeslots for DC-DC and LDO supplies
Configuration of GPIO pins
In Development Mode, the RECONFIG_AT_ON register bit (see Section 14.4.2) may be used to
control the device configuration behaviour. In Custom Modes 01, 10 or 11, the default setting
(RECONFIG_AT_ON = 1) must always be used. Setting this bit to 0 may result in erroneous
behaviour and deviation from the custom configuration settings.
The custom modes do not allow configuring the WM8352 in the OFF state. As a result, evaluation
and debugging in custom modes is limited.
14.5.1
CONFIGURATION MODE 01
In Configuration Mode 01, the following general default settings apply:
PARAMETER
REGISTER SETTING
DESCRIPTION
ON polarity
ON_POL = 1
ON pin is Active Low
USB power source
USB_SLV_500MA = 1
Selects 500mA limit in USB slave
Watchdog timer
WDOG_MODE [1:0] = 00
Watchdog is disabled
Control Interface
SPI_3WIRE = 0
SPI_4WIRE = 0
SPI_CFG = 0
Control Interface is 2-wire mode
32kHz oscillator
OSC32K_ENA = 1
32kHz Oscillator is enabled
Real Time Clock
RTC_TICK_ENA = 1
RTC_CLKSRC = 0
Real Time Clock is enabled
LDO1
LDO1_PIN_MODE = 0
LDO1_PIN_EN = 0
LDO1 controlled as normal via
register bits
Crystal detect
mode
Crystal detect mode is not enabled.
The default voltages and the power-up sequence for all DC-DCs and LDOs in Configuration Mode 01
are shown below in Table 65 and Figure 66.
The time delay between each time slot is approximately 1.28ms.
Note that the Limit Switch is not enabled automatically in Configuration Mode 01; as a result, the
Limit Switch remains open when the WM8352 enters the ACTIVE state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com