Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 116 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 116 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 112Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 113Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 114Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 115Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 116Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 117Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 118Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 119Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 120Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 336 page
background image
WM8352
Production Data
w
PD, February 2011, Rev 4.4
116
REGISTER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Select /RST duration
R3 (03h)
RSTB_TO
Unlock protected registers
R219 (DBh)
0013h
Alternate function and input/output selection for GPIO pins
R140 (8Ch)
GP3_FN
GP2_FN
GP1_FN
GP0_FN
R141 (8Dh)
GP7_FN
GP6_FN
GP5_FN
GP4_FN
R142 (8Eh)
GP11_FN
GP10_FN
GP9_FN
GP8_FN
R143 (8Fh)
GP12_FN
R128 (80h)
GPn_DB (n = 0 to 12)
R129 (81h)
GPn_PU (n = 0 to 12)
R130 (82h)
GPn_PD (n = 0 to 12)
R134 (86h)
GPn_DIR (n = 0 to 12)
R135 (87h)
GPn_CFG (n = 0 to 12)
Disable battery charger (only if battery type is not compatible with WM8352 charger)
R168 (A8h)
0
Re-lock protected registers
R219 (DBh)
FFFFh
Configure supply generation
R180 (B4h)
DC1_VSEL[6:0]
R181(B5h)
DC1_ENSLOT[3:0]
R183 (B7h)
DC2_ENSLOT[3:0]
R186 (BAh)
DC3_VSEL[6:0]
R187 (BBh)
DC3_ENSLOT 3:0]
R189 (BDh)
DC4_VSEL[6:0]
R190 (BEh)
DC4_ENSLOT[3:0]
R193 (C1h)
DC5_ENSLOT[3:0]
R195 (C3h)
DC6_VSEL[6:0]
R196 (C4h)
DC6_ENSLOT[3:0]
R199 (C7h)
LS_ENSLOT[3:0]
R200 (C8h)
LDO1_VSEL[4:0]
R201 (C9h)
LDO1_ENSLOT[3:0]
R203 (CAh)
LDO2_VSEL[4:0]
R204 (CBh)
LDO2_ENSLOT[3:0]
R206 (CEh)
LDO3_VSEL[4:0]
R207 (CFh)
LDO3_ENSLOT[3:0]
R209 (D1h)
LDO4_VSEL[4:0]
R210 (D2h)
LDO4_ENSLOT[3:0]
Proceed to startup and hand over to host processor
R6 (06h)
0
DEV_ADD
R
1
Table 64 Suggested Sequence of Register Writes for WM8352 Configuration in Development Mode
Note that configuration only includes registers that are required for starting up correctly. All other
register settings should be loaded after the WM8352 has started up.
Most of these control fields are described here within Section 14. See Section 11.6 for details of
Register Locking. See Section 20 for details of the GPIO configuration fields. See Section 17.7 for
details of the Battery Charger configuration.
When using the /RST signal to trigger configuration, writing to the _ENSLOT and RSTB_TO fields
can be omitted (the reset and power-up sequence has already taken place, so the write would have
no effect). However, additional writes to R13 or R176 should be added to enable the DC-DC
converters and LDO regulators one by one.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com