Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 155 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 155 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 151Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 152Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 153Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 154Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 155Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 156Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 157Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 158Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 159Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
155
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R4 (04h)
System
Control 2
14
USB_SUSPEND
0
Opens the USB switch
0 = USB enabled
1 = USB suspended
The register bit defaults to 0, when a
reset happens or LINE < UVLO or the
system fail on boot due to the upper
limit of the Hysteresis Comp not being
met.
13
USB_MSTR
0
Set the chip to be a USB master
0 = Slave
1 = Master
The register bit defaults to 0, when a
reset happens or the USB state
machine moves from MASTER mode to
SLAVE mode.
11
USB_MSTR_500MA
0
Set 500mA or 100mA mode when the
USB switch is in master mode
0 = 100mA
1 = 500mA
9
USB_SLV_500MA
Dependant
on CONFIG
settings
Set 500mA or 100mA mode when the
USB switch is in slave mode
0 = 100mA
1 = 500mA
The register bit defaults to 0, when a
reset happens or LINE<UVLO or the
system fail on boot due to the upper
limit of the Hysteresis Comp not been
met.
Table 101 Selecting USB Power Modes
The USB connection has its own first-level interrupt, USB_INT (see Section 24). This contains a
single second-level interrupt, USB_LIMIT_EINT, which indicates an over-current condition.
USB_LIMIT_EINT can be masked by setting the IM_USB_LIMIT_EINT bit.
USB Current monitoring is effective in USB Master and USB Slave Modes. The current limit
threshold is determined by USB_MSTR_500MA (in USB Master Mode) or USB_SLV_500MA (in USB
Slave Mode).
ADDRESS
BIT
LABEL
DESCRIPTION
R26 (1Ah)
Interrupt
Status 2
10
USB_LIMIT_EINT
USB Limit Switch interrupt.
(Rising Edge triggered)
Note: This bit is cleared once read.
R34 (22h)
Interrupt
Status 2 Mask
10
IM_USB_LIMIT_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
When IM_USB_LIMIT_EINT is set to 1,
then USB_LIMIT_EINT in R26 does not
trigger an USB_INT interrupt when set.
The default value is 0 (unmasked).
Table 102 USB Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com