Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 157 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 157 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 153Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 154Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 155Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 156Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 157Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 158Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 159Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 160Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 161Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
157
17.7 BATTERY CHARGER
17.7.1
GENERAL DESCRIPTION
The WM8352 incorporates a battery charger which is designed for single-cell lithium batteries. The
battery charger can operate from either the Wall (LINE) or USB power sources. Trickle charging at
50mA is enabled by default. The battery charger configuration and termination can run without any
intervention required by the host processor.
The battery charger voltage and currents are programmable. Trickle charging at either 50mA or
100mA is supported; fast charging from 50mA up to 750mA is possible under certain conditions.
Note that charging from the USB power is subject to the 100mA or 500mA overall limit on the USB
source (see Section 17.4).
Battery pack temperature sensing is enabled by default. The connection to the battery’s NTC resistor
is made using the SWVRTC pin and the AUX1 pin, as illustrated in Figure 76. The SWVRTC pin is a
reference source controlled by the WM8352. The AUX1 pin (also an input to the AUXADC) is used as
the input to the temperature sensing circuit. Note that the absence of the NTC connection will lead to
a temperature failure condition being detected and battery charging will not be possible.
Typical connections for the WM8352 battery charger are illustrated in Figure 76. The resistor value
between SWVRTC and AUX1 should be selected to match the NTC. A typical value is 100k
Ω.
Figure 76 Typical Connections for WM8352 Battery Charger
The WM8352 monitors the battery status via the AUX1 pin and by voltage/current sensing on other
pins. See Section 17.7.7 for details of the battery fault conditions and reporting.
If the application is intended to run without a battery present, then it is recommended that a 3.3
μF
capacitor be placed on the BATT pin to ensure correct charger behaviour. In this case, the Battery
Charger interrupts should also be masked, as these will be invalid - see Section 17.7.8 for details of
the Battery Charger Interrupts. It is recommended that the Battery Charger also be disabled in this
case - note that the Battery Charger is enabled by default, including on entry to the OFF power state.
A typical battery charge cycle is illustrated in Figure 77. This shows both the trickle charge and fast
charge processes.
The trickle charge mode is a constant current mode. Trickle charging is enabled when the battery
voltage falls below a charging threshold voltage; it is disabled when the charge current falls to a
programmable ‘End of Charge’ threshold level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com