Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 156 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 156 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 152Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 153Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 154Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 155Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 156Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 157Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 158Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 159Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 160Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 336 page
background image
WM8352
Production Data
w
PD, February 2011, Rev 4.4
156
17.5 EXTERNAL INTERRUPTS
The power supply control circuit has a first-level interrupt, EXT_INT (see Section 24). This comprises
three second-level interrupts which indicate if the USB, Wall or Battery supplies have been
connected or disconnected. Internal feedback signals USB_FB, WALL_FB and BATT_FB are used
to indicate when the associated supplies are present. Note that these interrupt events occur on both
the rising and falling edges of the trigger events. They can be masked by setting the applicable mask
bits as defined in Table 103.
ADDRESS
BIT
LABEL
DESCRIPTION
R31 (1Fh)
Comparator
Interrupt Status
15
EXT_USB_FB_EINT
USB_FB changed interrupt.
(Rising and Falling Edge triggered)
Note: This bit is cleared once read.
14
EXT_WALL_FB_EINT
WALL_FB changed interrupt.
(Rising and Falling Edge triggered)
Note: This bit is cleared once read.
13
EXT_BATT_FB_EINT
BATT_FB changed interrupt.
(Rising and Falling Edge triggered)
Note: This bit is cleared once read.
R39 (27h)
Comparator
Interrupt Status
Mask
15:13
“IM_” + name of respective bit
in R31
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Each bit in R39 enables or masks the
corresponding bit in R31. The default
value for these bits is 0 (unmasked).
Table 103 External Interrupts
17.6 BACKUP POWER
A backup power source should be provided for the WM8352 on the VRTC pin. This can be a small
rechargeable battery or a high-capacitance capacitor (supercap). The purpose of this component is
to power the always-on functions such as the on-chip crystal oscillator, RTC and ALARM control
registers and UVLO comparator. As these circuit blocks store settings required for start-up, it is
desirable that they continue to operate even when no other power source is available.
The VRTC battery (or capacitor) maintains its charge from the Wall (LINE), USB or BATT sources.
The connection is illustrated in Figure 75. The series resistor limits the VRTC charge current. The
1
μF capacitor is recommended also for stability; if this capacitor is too small or is not present, the
VRTC output may oscillate and cause a system reset.
Figure 75 Backup Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com