Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 160 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 160 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 156Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 157Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 158Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 159Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 160Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 161Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 162Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 163Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 164Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 336 page
background image
WM8352
Production Data
w
PD, February 2011, Rev 4.4
160
If the USB current limit cannot support the charge current demanded by CHG_TRICKLE_SEL and
USB current choking is enabled, then the charge current will be modified, where possible, in order to
continue charging. The trickle charge current cannot be controlled dynamically - the only possible
charge currents are 50mA or 100mA. Therefore, the only form of USB choking in trickle charge mode
is for a demanded current of 100mA to be reduced to 50mA. Trickle charge USB current choking is
controlled by the CHG_TRICKLE_USB_CHOKE register bit. The time constant for the charger’s
attempts to increase the current after USB choking can be controlled by CHG_RECOVERY_T.
The register control fields for Trickle Charging are described in Table 105. See Section 17.7.5 for
details of battery charger termination.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R168 (A8h)
Battery charger
control 1
9
CHG_TRICKLE
_TEMP_CHOK
E
0
Enable trickle charge temperature
choking
0 = disable
1 = enable
Protected by security key.
8
CHG_TRICKLE
_USB_CHOKE
0
Enable USB current choking in trickle
charge
0 = disable
1 = enable
Protected by security key.
7
CHG_RECOVE
R_T
0
Time constant adjust for charger choke
recovery (step-up):
0 = Step-up time constant is 180us
(allows faster recovery between
processor wakeups)
1 = Step-up time constant is >20ms
(outside audio band)
Protected by security key.
R169 (A9h)
Battery charger
control 2
6
CHG_TRICKLE
_SEL
0
Selects the trickle charge current.
0 = Set the trickle charge current to
50mA.
1 = Set the trickle charge current to
100mA.
Protected by security key.
R170 (AAh)
Battery charger
control 3
7
CHG_FRC
0
Allows trickle-charging to be forced even
if the battery voltage is above the default
threshold
0 = only trickle-charge if the battery
voltage is below CHG_VSEL - 100mV
1 = always trickle-charge
Protected by security key.
Table 105 Trickle Charging Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com