Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 172 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 172 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 168Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 169Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 170Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 171Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 172Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 173Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 174Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 175Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 176Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 336 page
background image
WM8352
Production Data
w
PD, February 2011, Rev 4.4
172
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R145 (91h)
Digitiser Control
(2)
13:12
AUXADC_MASK
MODE [1:0]
00
AUXADC MASK input control
00 = MASK is ignored
01 = When MASK is asserted, all
AUXADC measurements are
inhibited.
10 = Reserved
11 = MASK input initiates AUXADC
measurements. AUXADC_POLL
and AUXADC_CTC have no effect.
MASK polarity is controlled by
GPn_CFG.
10:8
AUXADC_CRAT
E [2:0]
000
AUXADC measurement frequency
in Continuous mode
000 = 1Hz
001 = 4Hz
010 = 8Hz
011 = 16Hz
100 = 32Hz
101 = 64Hz
110 = 128Hz
111 = 256Hz
Table 115 Initiating AUXADC Measurements
In Polling mode, setting AUXADC_POLL = 1 initiates one set of measurements, after which the
AUXADC waits for a new trigger.
In Continuous mode, a set of measurements will be initiated at the frequency set by
AUXADC_CRATE.
When using MASK to initiate measurements (AUXADC_MASKMODE=11), a rising edge (if
GPn_CFG = 1) or a falling edge (if GPn_CFG = 0) initiates one set of AUXADC measurements. The
MASK signal must be asserted for long enough for the AUXADC to perform all the selected
measurements.
The AUXADC_SELn bits should not be changed until all previous measurement results stored in the
AUXn readback registers have been read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com