Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 175 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 175 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 171Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 172Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 173Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 174Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 175Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 176Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 177Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 178Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 179Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
175
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R152 (98h)
AUX1
R153 (99h)
AUX2
R154 (9Ah)
AUX3
R155 (9Bh)
AUX4
11:0
AUXADC_DATA
n [11:0]
000h
Measured AUXn data value
relative to reference:
000 = 0V
FFF = measured voltage after
divide matches reference
R156 (9Ch)
USB Voltage
Readback
11:0
AUXADC_DATA_
USB [11:0]
0h
Measured USB voltage data value.
R157 (9Dh)
LINE Voltage
Readback
11:0
AUXADC_DATA_
LINE [11:0]
0h
Measured LINE voltage data value
R158 (9Eh)
BATT Voltage
Readback
11:0
AUXADC_DATA_
BATT [11:0]
0h
Measured Battery Voltage
R159 (9Fh)
Chip
Temperature
Readback
11:0
AUXADC_DATA_
CHIPTEMP [11:0]
0h
Measured Internal chip
temperature
R145 (91h)
Digitizer Control
(2)
0
AUXADC_WAIT
0
Whether the old data must be read
before new conversions can be
made
0 = No effect (new conversions
overwrite old)
1 = New conversions are held
back (and measurements delayed)
until AUX_DATAn has been read.
Table 117 Reading AUXADC Measurements
In a typical application, one of the following methods is likely to be used to control the AUXADC
readback:
For interrupt-driven AUXADC readback, the host processor would read the AUXADC data registers in
response to the AUXADC Interrupt or ADA output. In Continuous AUXADC mode, the processor
should complete this action before the next measurement occurs, in order to avoid losing any
AUXADC samples. In Polling mode, the interrupt (or ADA) signal provides confirmation that the
commanded set of measurements has been completed.
For host-controlled AUXADC readback, the Continuous AUXADC mode would be used, and the
AUXADC_WAIT bit would be asserted. The host processor would read the AUXADC data registers
periodically, causing the next AUXADC measurement to be enabled. This limits the frequency of the
AUXADC measurements to the readback frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com