Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 173 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 173 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 169Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 170Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 171Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 172Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 173Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 174Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 175Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 176Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 177Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
173
19.3 VOLTAGE SCALING AND REFERENCES
For inputs AUX1, AUX2, AUX3 and AUX4, the AUXADC measurements may be referenced to either
VRTC or VREF (see Section 21). The selected reference can be selected independently for each
input, using the control fields described in Table 116. In the case of USB, BATT, LINE and
Temperature, the AUXADC measurements are referenced to VRTC.
In the case of AUXADC measurements which are referenced to VREF, a buffered copy of VREF is
used as an input to the AUXADC. Setting the AUXADC_RBMODE field allows this buffer to be
enabled at all times when the AUXADC is enabled, or else to only be enabled when a VREF-
referenced measurement is made.
In order to measure voltages that may be higher than VRTC or VREF, a programmable divider is
provided on each of AUX1, AUX2, AUX3 and AUX4. These are controlled using the
AUXADC_SCALEn bits, allowing the inputs to be divided by 1, 2 or 4. In the case of USB, BATT and
LINE, a fixed ‘divide by 2’ applies.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R152 (98h)
AUX1
R153 (99h)
AUX2
R154 (9Ah)
AUX3
R155 (9Bh)
AUX4
14:13
AUXADC_SCAL
En [1:0]
11
AUXn input select
00 = Off
01 = Input divided by 1
10 = Input divided by 2
11 = Input divided by 4
12
AUXADC_REFn
1
AUXn reference select
0 = AUXn measured relative to
VRTC
1 = AUXn measured relative to
VREF
R145 (91h)
Digitizer Control
(2)
1
AUXADC_RBM
ODE
1
Enable for AUXADC bandgap
(VREF) buffer.
0 = AUXADC REFBUF is only
enabled during conversions that
use the VREF as a reference
1 = AUXADC REFBUF is always
enabled when the AUXADC is
enabled
Table 116 AUXADC Reference Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com