Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 191 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 191 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 187Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 188Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 189Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 190Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 191Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 192Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 193Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 194Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 195Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
191
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R20 (14h)
ALARM
sec / min
14:8
RTC_ALMMINS
[6:0]
000_0000
Minutes alarm register with range 0-59. All
1's sets to 'don't care' state.
Note, during programming it is best to
disable the Alarm Enable request bit to
avoid false alarms.
6:0
RTC_ALMSECS
[6:0]
000_0000
Seconds alarm register with range 0-59. All
1's set to 'don't care' state.
Note, during programming it is best to
disable the Alarm Enable request bit to
avoid false alarms.
R21 (15h)
ALARM
hour / day
11:8
RTC_ALMDAY
[3:0]
0000
Day alarm register, with range 1-7, 1 =
Sunday. All 1's sets to 'don't care' state.
Note, during programming it is best to
disable the Alarm Enable request bit to
avoid false alarms.
5
RTC_ALMHPM
0
Alarm hours AM/PM flag
0 = AM
1 = PM
Only applicable in 12 hour mode. In 24 hour
mode set to 1 if RTC_ALMHRS is set to all
1’s ‘don’t care’ or 0 otherwise.
4:0
RTC_ALMHRS
[4:0]
0_0000
Hours alarm register with range 0-23 in 24
hours mode and 1-12 in 12 hour. In 12 hour
mode bit 5 is used as PM/not-AM flag. All
1's sets to 'don't care' state.
Note, during programming it is best to
disable the Alarm Enable request bit to
avoid false alarms.
R22 (16h)
ALARM
date
12:8
RTC_ALMMTH
[4:0]
0_0000
Month alarm register with range 1-12. All
1's sets to 'don't care' state.
Note, during programming it is best to
disable the Alarm Enable request bit to
avoid false alarms.
5:0
RTC_ALMDATE
[5:0]
00_0000
Date alarm register with range 1-31. All 1's
sets to 'don't care' state.
Note, during programming it is best to
disable the Alarm Enable request bit to
avoid false alarms.
Table 133 RTC Alarm Registers
The “don’t care” option (all bits set to 1) provides extra flexibility for programming ALARM duration
and recurrent alarms. For example:
Setting only RTC_ALMSEC to “don’t care” produces an alarm lasting 1 minute.
Setting only RTC_ALMDATE to “don’t care” produces an alarm lasting 1 second that
recurs once a week, on the day determined by RTC_ALMDAY, during the month
determined by RTC_ALMMTH.
Setting RTC_ALMSEC, RTC_ALMDATE, RTC_ALMDAY and RTC_ALMMTH to “don’t
care” produces a daily alarm lasting 1 minute.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com