Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 193 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 193 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 189Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 190Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 191Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 192Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 193Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 194Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 195Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 196Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 197Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
193
The applicable register bits are defined in Table 135.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R12 (0Ch)
Power
Mgmt (5)
11
RTC_TICK_ENA
1
Enable RTC counting (instruction only)
0 = disabled
1 = enabled
Protected by security key.
R218 (DAh)
RTC Tick
Control
15
14
RTC_TICKSTS
0
Status of tick request. This bit can be
used to ensure the RTC is using the value
of RTC_TICK_ENA.
0 = disabled
1 = enabled
Protected by security key.
9:0
RTC_TRIM [9:0]
00_0000_
0000
RTC frequency trim. Used to adjust the
count value of the Tick Gen block to
compensate for crystal inaccuracies.
RTC frequency trim is a 10bit fixed point
<4,6> 2's complement number. MSB
Scaling = -8Hz. The register indicates the
error (in Hz) with respect to the ideal
32768Hz) of the input crystal frequency.
e.g.:
Actual crystal freq: 32769.00Hz:
Required trim 0xb0001_000000
(+1.000000)
Actual crystal freq: 32767.00Hz:
Required trim 0xb1111_000000 (-
1.000000)
Actual crystal freq: 32775.58Hz:
Required trim 0xb0111_100101
(+7.578125)
Actual crystal freq: 32763.78Hz:
Required trim 0xb1011_110010 (-
4.218750)
Protected by security key.
Note: RTC_TICK_ENA can be accessed through R12 or through R218. Reading from or writing to
either register location has the same effect.
Table 135 Controlling the RTC Frequency Trim



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com