Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 192 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 192 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 188Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 189Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 190Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 191Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 192Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 193Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 194Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 195Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 196Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 336 page
background image
WM8352
Production Data
w
PD, February 2011, Rev 4.4
192
22.2.5
SETTING THE ALARM
Writing to the RTC Alarm registers requires a procedure similar to that used when setting RTC time,
in order to prevent accidental alarms being triggered:
Set the RTC_ALMSET bit to disable alarms
Read the RTC_ALMSTS bit. Repeat this step until RTC_ALMSTS=1
Set new RTC Alarm in Registers R20 to R22
Clear the RTC_ALMSET bit to re-enable RTC Alarm
The RTC_ALMSET and RTC_ALMSTS bits are defined in Table 134.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R23 (17h)
RTC Time
control
9
RTC_ALMSET
1
Stops alarms (instruction only)
0 = normal operation
1 = stop alarms
It is recommended to stop alarms when
setting the RTC alarm. This avoids false
alarms.
8
RTC_ALMSTS
1
Actual status of ALARM circuitry
0 = normal operation
1 = alarms stopped
Table 134 Setting the RTC Alarm
22.3 TRIMMING THE RTC
The RTC has a frequency trim feature to allow compensation for known and constant errors in the
crystal oscillator frequency up to ±8Hz. Programming the frequency trim requires a procedure similar
to that used when setting RTC and ALARM time:
Clear the RTC_TICK_ENA bit to disable the 1 second tick generator
Read the RTC_TICKSTS bit. Repeat this step until RTC_TICKSTS=1
Set new RTC frequency trim value in Register R218
Set the RTC_TICK_ENA bit to resume normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com