Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 220 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 220 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 216Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 217Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 218Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 219Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 220Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 221Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 222Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 223Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 224Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 336 page
background image
WM8352
Production Data
w
PD, February 2011, Rev 4.4
220
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
11:10
RSTB_TO[1:0]
11
Time that the /RST pin and /MEMRST output is
held low after the chip reaches the active state.
00 = 15ms
01 = 30ms
10 = 60ms
11 = 120ms
Default held in metal mask.
9
BG_SLEEP
0
Bandgap sleep mode
0 = never in sleep mode
1 = sleep mode is controlled by Main SM
Default held in metal mask.
7
WDOG_DEBUG
0
Halts watchdog timer for system debugging
0 = normal operation
1 = WDOG halt
Protected by security key.
6
CHIP_RESET_ENA
0
[No description available]
Reset by state machine.
5
MEM_VALID
0
Indicates that the contents of external memory are
still valid.
This bit is cleared on startup and whenever
/MEMRST is asserted from the main state
machine. The system software should set this bit
once the external memory has been set up.
Controlled in hibernate mode by
MEMRST_HIB_MODE
0 = External memory is not valid and needs
restoring.
1 = External memory is valid.
Reset when /MEMRST is asserted.
4
CHIP_SET_UP
0
A spare register bit that can be used by the system
to say if the chip has been configured. It is reset by
POR.
3
ON_DEB_T
0
ON pin Shutdown function debounce time
0 = 10s
1 = 5s
Protected by security key.
1
ON_POL
1
ON pin polarity:
0 = Active high (ON)
1 = Active low (/ON)
Protected by security key. Reset by state machine.
Default held in metal mask.
0
IRQ_POL
0
IRQ pin polarity:
0 = Active low (/IRQ)
1 = Active high (IRQ)
Reset by state machine. Default held in metal
mask.
Register 03h System Control 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com