Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 222 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 222 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 218Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 219Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 220Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 221Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 222Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 223Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 224Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 225Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 226Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 336 page
background image
WM8352
Production Data
w
PD, February 2011, Rev 4.4
222
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
5:4
WDOG_MODE[1:0]
00
00 = Disabled
01 = SYS_WDOG_TO interrupt on time-out
10 = WKUP_WDOG_RST interrupt and System
reset on time-out
11 = SYS_WDOG_TO interrupt on first time-out,
WKUP_WDOG_RST interrupt and System reset
on second time-out
Protected by security key. Reset by state
machine. Default held in metal mask.
2:0
WDOG_TO[2:0]
100
Watchdog timeout (seconds)
The timer is reset to this value when a
HEARTBEAT signal edge is detected or the host
writes to the watchdog control register.
000 = 0.125s
… (time doubles with each step)
101 = 4s
11x = Reserved
Protected by security key.
Register 04h System Control 2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R5 (05h)
System
Hibernate
15
HIBERNATE
0
Determines what state the chip should
operate in.
0 = Active state
1 = Hibernate state
The register bit defaults to 0, when a reset
happens
Reset by state machine. Default held in metal
mask.
7
WDOG_HIB_MODE
0
Watchdog behaviour in HIBERNATE state
0 = WDOG disabled in Hibernate
1 = WDOG controlled by WDOG_MODE in
Hibernate
6
HIB_STARTUP_SEQ
0
Direction to take when going from Hibernate
state to the Active state.
0 = Hibernate to Active without going through
startup state
1 = Hibernate to Active goes though startup
sequence
5
REG_RESET_HIB_MODE
0
Action of the internal register reset signal
when going from Hibernate to Active.
0 = Do a register reset when leaving the
hibernate state.
1 = Do not do a register reset when leaving
the hibernate state
4
RST_HIB_MODE
0
/RST pin state in hibernate mode:
0 = Asserted (low)
1 = Not asserted (high)
3
IRQ_HIB_MODE
0
IRQ pin state in hibernate mode
0 = Normal operation
1 = Forced to indicate there is no IRQ
2
MEMRST_HIB_MODE
0
/MEMRST (Alternative GPIO function) pin
state in hibernate mode
0 = Asserted (low)
1 = Not asserted (high)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com