Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 224 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 224 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 220Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 221Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 222Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 223Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 224Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 225Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 226Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 227Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 228Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 336 page
background image
WM8352
Production Data
w
PD, February 2011, Rev 4.4
224
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
mask.
2
SPI_4WIRE
0
Selects 3-wire or 4-wire SPI mode
0 = 3-wire mode using bi-directional SDATA pin
1 = 4 wire mode using SDOUT (GPIO6)
Note: SPI_3WIRE must be set for this to take
effect.
Protected by security key. Default held in metal
mask.
1
SPI_3WIRE
0
Selects 2- or 3-/4-wire mode.
0 = 2-wire mode
1 = 3/4 wire mode
Protected by security key. Default held in metal
mask.
Register 06h Interface Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R8 (08h)
Power mgmt
(1)
15:14
CODEC_ISEL[1:0]
10
CODEC Analogue current level select
00 = x 1.5
01 = x 1.0
10 = x 0.75
11 = x 0.5
13
VBUF_ENA
0
Forces ON the tie-off amplifiers
0 = disabled
1 = enabled
10
OUTPUT_DRAIN_ENA
0
Enables a drain on the outputs allowing the
amplifiers to shutdown more quickly.
0 = Shutdown as normal
1 = Sink current from an external capacitor,
allowing faster shutdown.
8
MIC_DET_ENA
0
Enable MIC detect:
0 = disabled
1 = enabled
5
BIAS_ENA
0
Enables bias to analogue audio CODEC
circuitry
0 = disabled
1 = enabled
4
MICB_ENA
0
Microphone bias enable
0 = OFF (high impedance output)
1 = ON
2
VMID_ENA
0
Enables VMID resistor string
0 = disabled
1 = enabled
1:0
VMID[1:0]
00
Resistor selection for VMID potential divider
00 = off
01 = Vmid comes from 300kΩ R-string
10 = Vmid comes from 50kΩ R-string
11 = Vmid comes from 5kΩ R-string
Register 08h Power mgmt (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com