Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 311 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 311 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 307Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 308Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 309Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 310Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 311Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 312Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 313Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 314Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 315Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
311
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R211 (D3h)
LDO4 Low
Power
13:12
LDO4_HIB_MODE[1:0]
00
LDO4 Hibernate behaviour:
00 = Select voltage image settings
01 = disable output
10 = reserved
11 = reserved
Reset by state machine. Default held in metal
mask.
9:8
LDO4_HIB_TRIG[1:0]
00
LDO4 Hibernate signal select
00 = Hibernate register bit
01 = L_PWR1
10 = L_PWR2
11 = L_PWR3
Reset by state machine. Default held in metal
mask.
4:0
LDO4_VIMG[4:0]
1_1100
LDO4 Regulator output image voltage
1 1111 = 3.3V
… (100mV steps)
1 0000 = 1.8V
0 1111 = 1.65V
… (50mV steps)
0 0000 = 0.9V
Register D3h LDO4 Low Power
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R215 (D7h)
VCC_FAULT
Masks
15
LS_FAULT
0
Limit Switch fault mask for the /VCC_FAULT
0 = don't mask converter fault
1 = mask converter fault
Reset by state machine.
11
LDO4_FAULT
0
LDO4 fault mask for the /VCC_FAULT
0 = don't mask converter fault
1 = mask converter fault
Reset by state machine.
10
LDO3_FAULT
0
LDO3 fault mask for the /VCC_FAULT
0 = don't mask converter fault
1 = mask converter fault
Reset by state machine.
9
LDO2_FAULT
0
LDO2 fault mask for the /VCC_FAULT
0 = don't mask converter fault
1 = mask converter fault
Reset by state machine.
8
LDO1_FAULT
0
LDO1 fault mask for the /VCC_FAULT
0 = don't mask converter fault
1 = mask converter fault
Reset by state machine.
5
DC6_FAULT
0
DCDC6 fault mask for the /VCC_FAULT
0 = don't mask converter fault
1 = mask converter fault
Reset by state machine.
4
DC5_FAULT
0
DCDC5 fault mask for the /VCC_FAULT
0 = don't mask converter fault



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com