Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 313 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 313 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 309Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 310Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 311Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 312Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 313Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 314Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 315Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 316Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 317Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
313
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R218 (DAh)
RTC Tick
Control
15
RTC_TICK_ENA
1
Enable RTC counting (instruction only)
0 = disabled
1 = enabled
Protected by security key. Reset by state machine.
Default held in metal mask.
14
RTC_TICKSTS
0
Status of tick request. This bit can be used to
ensure the RTC is using the value of
RTC_TICK_ENA.
0 = disabled
1 = enabled
Protected by security key.
13
RTC_CLKSRC
0
RTC 32Khz clock source.
0 = take 32Khz from 32K OSC
1 = take 32Khz from GPIOx (Alternative GPIO
function)
Protected by security key. Reset by state machine.
Default held in metal mask.
12
OSC32K_ENA
1
On chip 32Khz OSC enable
0 = disable
1 = enable
Protected by security key. Reset by state machine.
Default held in metal mask.
9:0
RTC_TRIM[9:0] 00_0000_0000 RTC frequency trim. Used to adjust the count
value of the Tick Gen block to compensate for
crystal inaccuracies. RTC frequency trim is a 10bit
fixed point <4,6> 2's complement number. MSB
Scaling = -8Hz. The register indicates the error (in
Hz) with respect to the ideal 32768Hz) of the input
crystal frequency. e.g.:
Actual crystal freq: 32769.00Hz: Required trim
0xb0001_000000 (+1.000000)
Actual crystal freq: 32767.00Hz: Required trim
0xb1111_000000 (-1.000000)
Actual crystal freq: 32775.58Hz: Required trim
0xb0111_100101 (+7.578125)
Actual crystal freq: 32763.78Hz: Required trim
0xb1011_110010 (-4.218750)
Protected by security key.
Register DAh RTC Tick Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R219 (DBh)
Security1
15:0
SECURITY[15:0] 0000_0000_0000_0000 The value 0013h needs to be set in this
register to allow write access to the security
locked registers.
Reset by state machine.
Register DBh Security1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com