Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8352 Datasheet(PDF) 312 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 312 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 308Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 309Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 310Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 311Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 312Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 313Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 314Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 315Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 316Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 336 page
background image
WM8352
Production Data
w
PD, February 2011, Rev 4.4
312
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
1 = mask converter fault
Reset by state machine.
3
DC4_FAULT
0
DCDC4 fault mask for the /VCC_FAULT
0 = don't mask converter fault
1 = mask converter fault
Reset by state machine.
2
DC3_FAULT
0
DCDC3 fault mask for the /VCC_FAULT
0 = don't mask converter fault
1 = mask converter fault
Reset by state machine.
1
DC2_FAULT
0
DCDC2 fault mask for the /VCC_FAULT
0 = don't mask converter fault
1 = mask converter fault
Reset by state machine.
0
DC1_FAULT
0
DCDC1 fault mask for the /VCC_FAULT
0 = don't mask converter fault
1 = mask converter fault
Reset by state machine.
Register D7h VCC_FAULT Masks
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R216 (D8h)
Main
Bandgap
Control
15
MBG_LOAD_FUSES
0
Enables the current to the bandgap trim fuses.
This must be set to 1 when writing the fuses. To
read the trim value held in the fuse, this bit must
be set and then reset.
Register D8h Main Bandgap Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R217 (D9h)
OSC Control
15
OSC_LOAD_FUSES
0
Enables the current to the bandgap trim fuses.
This must be set to 1 when writing the fuses. To
read the trim value, this bit must be set and then
reset.
Protected by security key.
Register D9h OSC Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com