Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXR40PB Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # PXR40PB
Description  32-bit Power Architecture짰 Microcontrollers for Real-Time Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXR40PB Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button PXR40PB Datasheet HTML 15Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 16Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 17Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 18Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 19Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 20Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 21Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 22Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 23Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Features
PXR40 Product Brief, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
21
•
A TAP controller state machine that controls the operation of the data registers, instruction register
and associated circuitry.
•
Censorship inhibit register
— 64-bit censorship password register
— If the external tool writes a 64-bit password that matches the serial boot password stored in the
internal flash memory shadow row, censorship is disabled until the next JTAG reset
2.5.23
Nexus
The Nexus debug interface (NDI) block provides real-time development support capabilities for the
PXR40 in compliance with the IEEE-ISTO 5001-2003 standard. This development support is supplied for
MCUs without requiring external address and data pins for internal visibility. The NDI block is an
integration of several individual Nexus blocks that are selected to provide the development support
interface for the PXR40. The NDI block interfaces to the host processor, the eTPU, and internal buses to
provide development support as per the IEEE-ISTO 5001-2003 standard. The development support
provided includes program trace, data trace, watchpoint trace, ownership trace, run-time access to the
MCU’s internal memory map and access to the Power Architecture and eTPU internal registers during halt.
The Nexus interface also supports a JTAG-only mode using only the JTAG pins. Nexus also provides data
trace support for flexray and both eDMA2s. The following features are implemented:
•
23 or 27 full duplex pin interface for medium and high visibility throughput
— One of two modes selected by register configuration:
– Reduced-port mode (RPM) comprises 12 MDO (message data out) pins
– Full-port mode (FPM) comprises 16 MDO pins
— Auxiliary output port
•
Debug support pins
— One MCKO (message clock out) pin
— 12 or 16 MDO (message data out) pins
—Two MSEO (message start/end out) pins
— One RDY (ready) pin
— One EVTO (event out) pin
– Auxiliary input port
— One EVTI (event in) pin
— 5-pin JTAG port (JCOMP, TDI, TDO, TMS, and TCK) or 3-pin (JCOMP, TMS, and TCK)
— Reduced-pin JTAG mode as per IEEE 1149.7
•
Host processor (e200z7) standard class 3 compliant
•
eTPU development support standard class 3 compliant
•
Supports data trace for the FlexRay controller and both eDMA2 modules
•
Run-time access to the on-chip memory map via the Nexus read/write access protocol
•
All features are independently configurable and controllable via the IEEE 1149.1 I/O port
•
The NDI block reset is controlled with JCOMP, power-on reset, and the TAP state machine. All
these sources are independent of system reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com