Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXR40PB Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # PXR40PB
Description  32-bit Power Architecture짰 Microcontrollers for Real-Time Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXR40PB Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button PXR40PB Datasheet HTML 15Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 16Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 17Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 18Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 19Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 20Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 21Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 22Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 23Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
PXR40 Product Brief, Rev. 1
Preliminary—Subject to Change Without Notice
Developer support
Freescale Semiconductor
22
•
Power-on-reset status indication during reset via MDO[0] in disabled and reset modes
3
Developer support
This family of MCUs is suppported by Freescale's Tower Development System as well as a broad set of
advanced debug and runtime software:
•
CodeWarrior
•FreeMaster
•MQX
•
RAppID Init
•
RAppID Toolbox
4
Orderable parts
Figure 2. PXR40 orderable part number description
Table 2. PXR40 orderable part number summary
Part number
Flash/SRAM
Package
Speed
(MHz)
MPXR4030VVU264
3 MB / 192 KB
416 PBGA (27 mm x 27 mm)
264
MPXR4040VVU264
4 MB / 256 KB
416 PBGA (27 mm x 27 mm)
264
MPX
40
Note: Not all options are available on all devices. See Table 2 for more information.
R
Qualification status
Brand
Family
Class
Flash memory size
Temperature range
V = –40 °C to 105 °C
Operating frequency
1 = 150 MHz
Tape and reel status
R = Tape and reel
(blank) = Trays
Qualification status
P = Pre-qualification (engineering samples)
M = Fully spec. qualified, general market flow
S = Fully spec. qualified, automotive flow
30 V
Temperature range
VU
Package identifier
264 R
Operating frequency
Tape and reel indicator
Package identifier
VU = 416 PBGA
2 = 180 MHz
(ambient)
Family
D = Display Graphics
N = Connectivity/Network
R = Performance/Real Time Control
S=Safety
Flash Memory Size
30 = 3 MB
40 = 4 MB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com