Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXR40PB Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # PXR40PB
Description  32-bit Power Architecture짰 Microcontrollers for Real-Time Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXR40PB Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button PXR40PB Datasheet HTML 9Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 10Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 11Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 12Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 13Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 14Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 15Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 16Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Features
PXR40 Product Brief, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
13
— Full-duplex operation
— Standard non return-to-zero (NRZ) mark/space format
— Data buffers with 4-byte receive, 4-byte transmit
— Configurable word length (8-bit or 9-bit words)
— Error detection and flagging
– Parity, noise and framing errors
— Interrupt driven operation with 4 interrupts sources
— Separate transmitter and receiver CPU interrupt sources
— 16-bit programmable baud-rate modulus counter and 16-bit fractional
— 2 receiver wake-up methods
•
LIN features:
— Autonomous LIN frame handling
— Message buffer to store identifier and up to eight data bytes
— Supports message length of up to 64 bytes
— Detection and flagging of LIN errors
— Sync field; Delimiter; ID parity; Bit, Framing; Checksum and Timeout errors
— Classic or extended checksum calculation
— Configurable Break duration of up to 36-bit times
— Programmable Baud rate prescalers (13-bit mantissa, 4-bit fractional)
— Diagnostic features
– Loop back
–Self Test
– LIN bus stuck dominant detection
— Interrupt driven operation with 16 interrupt sources
— LIN slave mode features
– Autonomous LIN header handling
– Autonomous LIN response handling
– Discarding of irrelevant LIN responses using up to 16 ID filters
2.5.13
Controller area network (CAN) module
The PXR40 contains four controller area network (CAN) blocks.
Each CAN module provides the following features:
•
64 message buffers (MB) of zero to eight bytes data length
•
Based on and including all existing features of the Freescale TouCAN module
•
Full implementation of the CAN protocol specification, Version 2.0B
— Standard data and remote frames
— Extended data and remote frames



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com