Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXR40PB Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # PXR40PB
Description  32-bit Power Architecture짰 Microcontrollers for Real-Time Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXR40PB Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  PXR40PB Datasheet HTML 1Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 2Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 3Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 4Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 5Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 6Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 7Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 8Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
PXR40 Product Brief, Rev. 1
Preliminary—Subject to Change Without Notice
Application examples
Freescale Semiconductor
2
architecture bus, and 256 KB of on-chip SRAM. 4 MB of internal flash memory is provided. An external
bus interface is also available for special packaged parts to support application development and
calibration.
1
Application examples
The PXR40 family's real-time capability makes it suitable for applications such as
•
Precision factory control
•
Industrial automation
•
Industrial transportation
•
Motor control/drives
•
Medical
•
Timing applications
2Features
This section describes the features of the PXR40.
2.1
PXR40 features
Table 1 displays the PXR40 feature set.
Table 1. PXR40 feature set
Feature
PXR40
Core
e200z7
SIMD
Yes
VLE
Yes
Cache
32 KB
(16 KB Instruction/16 KB Data)
Non-maskable interrupt (NMI)
NMI & Critical Interrupt
MMU
64 entry
MPU
Yes
XBAR
5 × 5
Windowing software watchdog
Yes
Nexus
3+
SRAM
256 KB
Flash
4 MB
Flash fetch accelerator
4 × 256 bit
(first 1 MB of memory is 4 × 128; last 3 MB are 4 × 256)
External bus
Yes
Calibration bus
16 bit non-muxed
32 bit muxed
DMA
96 channel
DMA Nexus
Class 3
Serial
3
UART_A
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com