Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXR40PB Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # PXR40PB
Description  32-bit Power Architecture짰 Microcontrollers for Real-Time Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXR40PB Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  PXR40PB Datasheet HTML 1Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 2Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 3Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 4Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 5Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 6Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 7Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 8Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Freescale Semiconductor
Product Brief
Document Number: PXR40PB
Rev. 1, 06/2011
Contents
© Freescale Semiconductor, Inc., 2011. All rights reserved.
Preliminary—Subject to Change Without Notice
The PXR40 series 32-bit microcontrollers provide
integrated analog and processing power to give industrial
users a reliable, robust controller solution to meet a
variety of timing critical application needs, such as
motion/motor control, without sacrificing performance
during complex operations. Based on Power
Architecture®, these system-on-chip devices are 100%
user-mode compatible with the classic Power
Architecture instruction set.
The e200z7 host processor core of the PXR40 is
compatible with the Power Architecture® Book E
architecture. It is 100% user-mode compatible (with
floating point library) with the classic PowerPC
instruction set. The Book E architecture has
enhancements that improve the architecture’s fit in
embedded applications. In addition to the classic
PowerPC instruction set, this core also has additional
instruction support for digital signal processing (DSP).
The PXR40 has two levels of memory hierarchy, a
16 KB instruction + 16 KB data cache in a Harvard
1
Application Examples . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
2.1
PXR40 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
2.2
PXR40 Block Diagram . . . . . . . . . . . . . . . . . . . . . . . 4
2.3
Critical Performance Parameters. . . . . . . . . . . . . . . 6
2.4
Packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
2.5
Module Features . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
3
Developer Support . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
4
Orderable Parts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
5
Revision History . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
PXR40 Product Brief
32-bit Power Architecture® Microcontrollers for Real-Time
Applications


Similar Part No. - PXR40PB

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PXR40 FREESCALE-PXR40 Datasheet
720Kb / 100P
PXR40 Microcontroller
PXR40RM FREESCALE-PXR40RM Datasheet
7Mb / 1434P
PXR40 Microcontroller
More results

Similar Description - PXR40PB

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PXD10PB FREESCALE-PXD10PB Datasheet
128Kb / 26P
32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
PXN20PB FREESCALE-PXN20PB Datasheet
119Kb / 23P
32-bit Power Architecture짰 Dual Core Microcontrollers for Industrial Networking
PXS20PB FREESCALE-PXS20PB Datasheet
137Kb / 30P
32-bit Power Architecture짰 Microcontrollers for Highly Reliable
TWR-PXR40 FREESCALE-TWR-PXR40 Datasheet
729Kb / 8P
32-bit Power Architecture짰 MCU for High-Performance Real-Time Applications
logo
STMicroelectronics
SPC572LX STMICROELECTRONICS-SPC572LX Datasheet
2Mb / 112P
32-bit Power Architecture® based MCU for automotive powertrain applications
06-Jul-2017
logo
Texas Instruments
TMS320F280039C TI-TMS320F280039C_V02 Datasheet
5Mb / 250P
TMS320F28003x Real-Time Microcontrollers
MARCH 2022
TMS320F280039C TI-TMS320F280039C_V06 Datasheet
5Mb / 254P
TMS320F28003x Real-Time Microcontrollers
REVISED NOVEMBER 2022
TMS320F2800157-Q1 TI-TMS320F2800157-Q1_V01 Datasheet
5Mb / 232P
TMS320F280015x Real-Time Microcontrollers
REVISED JULY 2023
TMS320F2800137 TI-TMS320F2800137_V07 Datasheet
4Mb / 209P
TMS320F280013x Real-Time Microcontrollers
REVISED MARCH 2023
TMS320F2800137 TI-TMS320F2800137_V08 Datasheet
5Mb / 219P
TMS320F280013x Real-Time Microcontrollers
REVISED NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com