Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXR40PB Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # PXR40PB
Description  32-bit Power Architecture짰 Microcontrollers for Real-Time Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXR40PB Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button PXR40PB Datasheet HTML 7Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 8Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 9Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 10Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 11Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 12Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 13Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 14Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Features
PXR40 Product Brief, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
11
— 4 × 12-bit ADC resolution
— Programmable resolution for increased conversion speed (12-bit, 10-bit, 8-bit)
– 12-bit conversion time as low as1 µS (as fast as 1 M sample/sec)
– 10-bit conversion time as low as 867 nS (as fast as 1.2 M sample/sec)
– 8-bit conversion time as low as 733 nS (as fast as 1.4 M sample/sec)
— Accuracy as high as 10-bit accuracy at 500 K sample/sec and 8-bit accuracy at 1 M sample/sec
— Differential conversions
— Single-ended signal range from 0 to 5 V
— Variable gain amplifiers on differential inputs (×1, ×2, ×4)
— Sample times of 2 (default), 8, 64, or 128 ADC clock cycles
— Provides time stamp information when requested
— Supports both right-justified unsigned and signed formats for conversion results
•
64 input channels, including 16 channels which can each be converted simultaneously by each
eQADC
•
Eight additional internal channels for measuring control and monitoring voltages inside the device
— Including core voltage, I/O voltage, and low-voltage interrupt (LVI) voltages
•
As many as eight inputs can be configured as four pairs of differential analog input channels
— Programmable pull-up/pull-down resistors on each differential input
•
Silicon die temperature sensor
— Provides temperature of silicon as an analog value
— Read using an internal ADC analog channel
•
Four decimation filters
— Programmable decimation factor (2 to 16)
— Selectable IIR or FIR filter
— Fully programmable 4th order IIR or 8th order FIR
— Saturated or non-saturated modes
— Programmable rounding (convergent; two’s complement; truncated)
— Pre-fill mode to pre-condition the filter before the sample window opens
•
Full duplex synchronous serial interface to an external device
— Free-running clock for use by an external device
— Supports a 26-bit message length
•
Six priority-based queues per ADC
•
Trigger sources include software, timer channels and input pins
•
eTPU result interface
— Allows any ADC result to be exported to eTPU for use with reaction channels
•
Support for an additional 64–8=56 channels via external multiplexing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com