Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXR40PB Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # PXR40PB
Description  32-bit Power Architecture짰 Microcontrollers for Real-Time Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXR40PB Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  PXR40PB Datasheet HTML 1Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 2Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 3Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 4Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 5Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 6Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 7Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 8Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Features
PXR40 Product Brief, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
3
Note: 3.3 V is required for certain IO segments only during debug/development (e.g., Nexus 3 trace and bus)
UART_B
Yes
UART_C
Yes
Microsecond bus uplink
Yes
CAN
4
CAN_A
64 message buffers
CAN_B
64 message buffers
CAN_C
64 message buffers
CAN_D
64 message buffers
CAN_E
No
SPI
4
SPI_A
Yes
SPI_B
Yes
SPI_C
Yes
SPI_D
Yes
FlexRay
Yes
Ethernet
No
System timers
4 PIT chan
4 SWT
1 Watchdog
eMIOS
32 channel
eTPU
64 channel
eTPU_A
Yes (eTPU2)
eTPU_B
Yes (eTPU2)
Code memory
24 KB
Data memory
6 KB
Interrupt controller
448
ADC
64 channel
eQADC_A
Yes
eQADC_B
Yes
Temperature sensor
Yes
Variable gain amp.
Yes
Decimation filter
Yes (8 on eQADC_B)
Sensor diagnostics
Yes
PLL
FM
VRC
Yes
Supplies
5V
Low Power Modes
Stop Mode
Slow Mode
Table 1. PXR40 feature set (continued)
Feature
PXR40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com